Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 44Page - Cirrus Logic CS43L22 Datasheet HTML 45Page - Cirrus Logic CS43L22 Datasheet HTML 46Page - Cirrus Logic CS43L22 Datasheet HTML 47Page - Cirrus Logic CS43L22 Datasheet HTML 48Page - Cirrus Logic CS43L22 Datasheet HTML 49Page - Cirrus Logic CS43L22 Datasheet HTML 50Page - Cirrus Logic CS43L22 Datasheet HTML 51Page - Cirrus Logic CS43L22 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
48
DS792F1
CS43L22
Confidential Draft
10/7/08
7.14
PCMx Volume: PCMA (Address 1Ah) & PCMB (Address 1Bh)
7.14.1
PCM Channel x Mute
Configures a digital mute on the PCM data from the serial data input (SDIN) to the DSP.
7.14.2
PCM Channel x Volume
Sets the volume/gain of the PCM data from the serial data input (SDIN) to the DSP.
7.15
Beep Frequency & On Time (Address 1Ch)
7.15.1
Beep Frequency
Sets the frequency of the beep signal.
7
654
32
10
PCMxMUTE
PCMxVOL6
PCMxVOL5
PCMxVOL4
PCMxVOL3
PCMxVOL2
PCMxVOL1
PCMxVOL0
PCMxMUTE
PCM Mute
0
Disabled
1
Enabled
PCMxVOL[6:0]
Volume
001 1000
+12.0 dB
...
...
000 0001
+0.5 dB
000 0000
0 dB
111 1111
-0.5 dB
...
...
001 1001
-51.5 dB
Step Size:
0.5 dB
76
543
21
0
FREQ3
FREQ2
FREQ1
FREQ0
ONTIME3
ONTIME2
ONTIME1
ONTIME0
FREQ[3:0]
Frequency (Fs = 12, 24, 48 or 96 kHz)
Pitch
0000
260.87 Hz
C4
0001
521.74 Hz
C5
0010
585.37 Hz
D5
0011
666.67 Hz
E5
0100
705.88 Hz
F5
0101
774.19 Hz
G5
0110
888.89 Hz
A5
0111
1000.00 Hz
B5
1000
1043.48 Hz
C6
1001
1200.00 Hz
D6
1010
1333.33 Hz
E6
1011
1411.76 Hz
F6
1100
1600.00 Hz
G6
1101
1714.29 Hz
A6
1110
2000.00 Hz
B6
1111
2181.82 Hz
C7
Application:
“Beep Generator” on page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com