Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 9Page - Cirrus Logic CS43L22 Datasheet HTML 10Page - Cirrus Logic CS43L22 Datasheet HTML 11Page - Cirrus Logic CS43L22 Datasheet HTML 12Page - Cirrus Logic CS43L22 Datasheet HTML 13Page - Cirrus Logic CS43L22 Datasheet HTML 14Page - Cirrus Logic CS43L22 Datasheet HTML 15Page - Cirrus Logic CS43L22 Datasheet HTML 16Page - Cirrus Logic CS43L22 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
DS792F1
13
CS43L22
Confidential Draft
10/7/08
PWM OUTPUT CHARACTERISTICS
Test conditions (unless otherwise specified): Input test signal is a full scale 997 Hz signal; MCLK = 12.2880 MHz; Measurement
Bandwidth is 20 Hz to 20 kHz; Sample Frequency = 48 kHz; Test load RL = 8
Ω for stereo full-bridge, RL = 4 Ω for mono parallel
full-bridge; VD = VL = VA = VHP = 1.8V; PWM Modulation Index of 0.85; PWM Switch Rate = 384 kHz.
Parameters (Note 7)
Symbol
Conditions
Min
Typ
Max
Units
VP = 5.0 V
Power Output per Channel
PO
Stereo Full-Bridge
THD+N < 10%
THD+N < 1%
-
-
1.00
0.80
-
-
Wrms
Wrms
Mono Parallel Full-Bridge
THD+N < 10%
THD+N < 1%
-
-
1.90
1.50
-
-
Wrms
Wrms
Total Harmonic Distortion + Noise
THD+N
Stereo Full-Bridge
PO = 0 dBFS = 0.8W
-
0.52
-
%
Mono Parallel Full-Bridge
PO = -3 dBFS = 0.75 W
PO = 0 dBFS = 1.5 W
-
-
0.10
0.50
-
-
%
%
Dynamic Range
DR
Stereo Full-Bridge
PO = -60 dBFS, A-Weighted
PO = -60 dBFS, Unweighted
-
-
91
88
-
-
dB
dB
Mono Parallel Full-Bridge
PO = -60 dBFS, A-Weighted
PO = -60 dBFS, Unweighted
-
-
91
88
-
-
dB
dB
VP = 3.7 V
Power Output per Channel
PO
Stereo Full-Bridge
THD+N < 10%
THD+N < 1%
-
-
0.55
0.45
-
-
Wrms
Wrms
Mono Parallel Full-Bridge
THD+N < 10%
THD+N < 1%
-
-
1.00
0.84
-
-
Wrms
Wrms
Total Harmonic Distortion + Noise
THD+N
Stereo Full-Bridge
PO = 0 dBFS = 0.43 W
-
0.54
-
%
Mono Parallel Full-Bridge
PO = -3 dBFS = 0.41 W
PO = 0 dBFS = 0.81 W
-
-
0.09
0.45
-
-
%
%
Dynamic Range
DR
Stereo Full-Bridge
PO = -60 dBFS, A-Weighted
PO = -60 dBFS, Unweighted
-
-
91
88
-
-
dB
dB
Mono Parallel Full-Bridge
PO = -60 dBFS, A-Weighted
PO = -60 dBFS, Unweighted
-
-
95
92
-
-
dB
dB
VP =2.5 V
Power Output per Channel
PO
Stereo Full-Bridge
THD+N < 10%
THD+N < 1%
-
-
0.23
0.19
-
-
Wrms
Wrms
Mono Parallel Full-Bridge
THD+N < 10%
THD+N < 1%
-
-
0.44
0.35
-
-
Wrms
Wrms
Total Harmonic Distortion + Noise
THD+N
Stereo Full-Bridge
PO = 0 dBFS = 0.18 W
-
0.50
-
%
Mono Parallel Full-Bridge
PO = -3 dBFS = 0.17 W
PO = 0 dBFS = 0.35 W
-
-
0.08
0.43
-
-
%
%
Dynamic Range
DR
Stereo Full-Bridge
PO = -60 dBFS, A-Weighted
PO = -60 dBFS, Unweighted
-
-
91
88
-
-
dB
dB
Mono Parallel Full-Bridge
PO = -60 dBFS, A-Weighted
PO = -60 dBFS, Unweighted
-
-
94
91
-
-
dB
dB
MOSFET On Resistance
RDS(ON)
VP = 5.0V, Id = 0.5 A
-
600
-
m
Ω
MOSFET On Resistance
RDS(ON)
VP = 3.7V, Id = 0.5 A
-
640
-
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com