Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPA1C1D080F Datasheet (PDF) - WOLFSPEED, INC.

CMPA1C1D080F Datasheet PDF - WOLFSPEED, INC.
Part # CMPA1C1D080F
Download  CMPA1C1D080F Download
File Size   1827.5 Kbytes
Page   18 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 90 W, 12.75 - 13.25 GHz, GaN MMIC, Power Amplifier

CMPA1C1D080F Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA1C1D080F Datasheet PDF - WOLFSPEED, INC.

Part # CMPA1C1D080F
Download  CMPA1C1D080F Click to download

File Size   1827.5 Kbytes
Page   18 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 90 W, 12.75 - 13.25 GHz, GaN MMIC, Power Amplifier

CMPA1C1D080F Datasheet (HTML) - WOLFSPEED, INC.


CMPA1C1D080F Product details

Description
Cree’s CMPA1C1D080F is a packaged, 90 W HPA utilizing Cree’s high performance,
0.25um GaN on SiC production process. With a 12.75 - 13.25 GHz operating frequency
range targeting satellite communications, the CMPA1C1D080F offers 3rd-order
intermodulation performance of -30 dBc at 20 W of total output power. For exceptional
thermal management, the HPA is offered in a bolt-down, flange package.
Features
• 90 W Typical PSAT
• >21% Typical Power Added Efficiency
• 25 dB Small Signal Gain
• 20 W Total Output Power at -30 dBc IM3
• Operation up to 40 V
Note: Features are typical performance across
frequency under 25°C operation. Please reference
performance charts for additional details.
Applications
• Satellite Communications Uplink




Similar Part No. - CMPA1C1D080F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA1C1D060D CREE-CMPA1C1D060D Datasheet
549Kb / 8P
60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA1C1D060D WOLFSPEED-CMPA1C1D060D Datasheet
237Kb / 8P
60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-8-30
More results


Similar Description - CMPA1C1D080F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2735075D CREE-CMPA2735075D Datasheet
394Kb / 7P
75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 1.1
CMPA1C1D060D CREE-CMPA1C1D060D Datasheet
549Kb / 8P
60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
CMPA5585030F CREE-CMPA5585030F Datasheet
1Mb / 17P
30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA1C1D060D WOLFSPEED-CMPA1C1D060D Datasheet
237Kb / 8P
60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-8-30
CMPA0060002F1 WOLFSPEED-CMPA0060002F1 Datasheet
1Mb / 10P
2 W, DC - 6.0 GHz, GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-26
CMPA2060035F WOLFSPEED-CMPA2060035F Datasheet
1,021Kb / 10P
35 W, 2.0 - 6.0 GHz, GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-26
CMPA2560025D WOLFSPEED-CMPA2560025D Datasheet
1Mb / 11P
25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA2735030S WOLFSPEED-CMPA2735030S Datasheet
1Mb / 17P
30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.3 January 2022
CMPA5259080S WOLFSPEED-CMPA5259080S Datasheet
1Mb / 16P
80 W, 5.0 - 5.9 GHz, GaN MMIC, Power Amplifier
Rev 0.1 September 2021
CMPA601C025F WOLFSPEED-CMPA601C025F Datasheet
1Mb / 11P
25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev. 5.0, 2022-8-26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com