Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPA0060002F1 Datasheet (PDF) - WOLFSPEED, INC.

CMPA0060002F1 Datasheet PDF - WOLFSPEED, INC.
Part # CMPA0060002F1
Download  CMPA0060002F1 Download
File Size   1125.25 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 2 W, DC - 6.0 GHz, GaN MMIC Power Amplifier

CMPA0060002F1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA0060002F1 Datasheet PDF - WOLFSPEED, INC.

Part # CMPA0060002F1
Download  CMPA0060002F1 Click to download

File Size   1125.25 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 2 W, DC - 6.0 GHz, GaN MMIC Power Amplifier

CMPA0060002F1 Datasheet (HTML) - WOLFSPEED, INC.


CMPA0060002F1 Product details

Description
Wolfspeed’s CMPA0060002F1 is a gallium nitride (GaN) High Electron Mobility
Transistor (HEMT) based monolithic microwave integrated circuit (MMIC). GaN
has superior properties compared to silicon or gallium arsenide, including
higher breakdown voltage, higher saturated electron drift velocity and higher
thermal conductivity. GaN HEMTs also offer greater power density and wider
bandwidths compared to Si and GaAs transistors. This MMIC employs a
distributed (traveling-wave) amplifier design approach, enabling extremely
wide bandwidths to be achieved in a small footprint screw-down package
featuring a copper-tungsten heat sink.
Features
• 18 dB Small Signal Gain
• 4.8 W Typical PSAT
• Operation up to 28 V
• High Breakdown Voltage
• High Temperature Operation
• 0.5” x 0.5” Total Product Size
Applications
• Ultra Broadband Amplifiers
• Fiber Drivers
• Test Instrumentation
• EMC Amplifier Drivers




Similar Part No. - CMPA0060002F1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA0060002F CREE-CMPA0060002F Datasheet
961Kb / 9P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.0
logo
WOLFSPEED, INC.
CMPA0060002F WOLFSPEED-CMPA0060002F Datasheet
2Mb / 10P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 3.3, 2022-12-8
logo
Cree, Inc
CMPA0060002F-AMP CREE-CMPA0060002F-AMP Datasheet
961Kb / 9P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.0
CMPA0060002F-TB CREE-CMPA0060002F-TB Datasheet
961Kb / 9P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.0
More results


Similar Description - CMPA0060002F1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA601C025D CREE-CMPA601C025D Datasheet
542Kb / 6P
25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0
CMPA601C025F CREE-CMPA601C025F Datasheet
2Mb / 11P
25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev 2.2
CMPA2060025D CREE-CMPA2060025D Datasheet
437Kb / 7P
25 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0
CMPA2560025D CREE-CMPA2560025D Datasheet
550Kb / 9P
25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.3
logo
WOLFSPEED, INC.
CMPA0060002D WOLFSPEED-CMPA0060002D Datasheet
1,012Kb / 8P
2 W, 0.2 - 6.0 GHz, GaN HEMT MMIC Power Amplifier
Rev. 2.3, 2022-12-13
CMPA2060035D WOLFSPEED-CMPA2060035D Datasheet
400Kb / 8P
35 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 0.1 April 2020
CMPA2060035F WOLFSPEED-CMPA2060035F Datasheet
1,021Kb / 10P
35 W, 2.0 - 6.0 GHz, GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-26
CMPA2560025D WOLFSPEED-CMPA2560025D Datasheet
1Mb / 11P
25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA5259025S WOLFSPEED-CMPA5259025S Datasheet
1Mb / 16P
40 W, 5.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0 June 2021
CMPA601C025F WOLFSPEED-CMPA601C025F Datasheet
1Mb / 11P
25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev. 5.0, 2022-8-26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com