Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPA0060002F Datasheet (PDF) - WOLFSPEED, INC.

CMPA0060002F Datasheet PDF - WOLFSPEED, INC.
Part # CMPA0060002F
Download  CMPA0060002F Download
File Size   2265.77 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier

CMPA0060002F Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA0060002F Datasheet PDF - WOLFSPEED, INC.

Part # CMPA0060002F
Download  CMPA0060002F Click to download

File Size   2265.77 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier

CMPA0060002F Datasheet (HTML) - WOLFSPEED, INC.


CMPA0060002F Product details

Description
Wolfspeed’s CMPA0060002F is a gallium nitride (GaN) High Electron Mobility Transistor (HEMT)
based monolithic microwave integrated circuit (MMIC). GaN has superior properties compared
to silicon or gallium arsenide, including higher breakdown voltage, higher saturated electron
drift velocity and higher thermal conductivity. GaN HEMTs also offer greater power density
and wider bandwidths compared to Si and GaAs transistors. This MMIC employs a distributed
(traveling-wave) amplifier design approach, enabling extremely wide bandwidths to be
achieved in a small footprint screw-down package featuring a copper-tungsten heat sink.
Features
• 17 dB Small Signal Gain
• 3 W Typical PSAT
• Operation up to 28 V
• High Breakdown Voltage
• High Temperature Operation
• 0.5” x 0.5” total product size
Applications
• Ultra Broadband Amplifiers
• Fiber Drivers
• Test Instrumentation
• EMC Amplifier Drivers




Similar Part No. - CMPA0060002F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA0060002F CREE-CMPA0060002F Datasheet
961Kb / 9P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.0
CMPA0060002F-AMP CREE-CMPA0060002F-AMP Datasheet
961Kb / 9P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.0
CMPA0060002F-TB CREE-CMPA0060002F-TB Datasheet
961Kb / 9P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.0
logo
WOLFSPEED, INC.
CMPA0060002F1 WOLFSPEED-CMPA0060002F1 Datasheet
1Mb / 10P
2 W, DC - 6.0 GHz, GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-26
More results


Similar Description - CMPA0060002F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 2.4
CMPA0060002D CREE-CMPA0060002D Datasheet
417Kb / 7P
2 Watt, 20 MHz - 6000 MHz GaN HEMT MMIC Power Amplifier
Rev 1.1
CMPA0060002F CREE-CMPA0060002F Datasheet
961Kb / 9P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.0
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.2
CMPA0060025F CREE-CMPA0060025F Datasheet
1Mb / 11P
25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
Rev 4.0
CMPA2560025F CREE-CMPA2560025F_15 Datasheet
955Kb / 11P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.0
logo
WOLFSPEED, INC.
CMPA0060025D WOLFSPEED-CMPA0060025D Datasheet
1Mb / 8P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA0060025F WOLFSPEED-CMPA0060025F Datasheet
4Mb / 12P
25 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 4.3, 2022-12-13
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
CMPA2560025F WOLFSPEED-CMPA2560025F Datasheet
999Kb / 12P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.1 April 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com