Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPA0060025F Datasheet (PDF) - WOLFSPEED, INC.

CMPA0060025F Datasheet PDF - WOLFSPEED, INC.
Part # CMPA0060025F
Download  CMPA0060025F Download
File Size   4168.14 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 25 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier

CMPA0060025F Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA0060025F Datasheet PDF - WOLFSPEED, INC.

Part # CMPA0060025F
Download  CMPA0060025F Click to download

File Size   4168.14 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 25 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier

CMPA0060025F Datasheet (HTML) - WOLFSPEED, INC.


CMPA0060025F Product details

Description
Wolfspeed’s CMPA0060025F is a gallium nitride (GaN) High Electron Mobility
Transistor (HEMT) based monolithic microwave integrated circuit (MMIC). GaN
has superior properties compared to silicon or gallium arsenide, including higher
breakdown voltage, higher saturated electron drift velocity and higher thermal
conductivity. GaN HEMTs also offer greater power density and wider bandwidths
compared to Si and GaAs transistors. This MMIC enables extremely wide
bandwidths to be achieved in a small footprint screw-down package.
Features
• 17 dB Small Signal Gain
• 25 W Typical PSAT
• Operation up to 50 V
• High Breakdown Voltage
• High Temperature Operation
• 0.5” x 0.5” total product size
Applications
• Ultra Broadband Amplifiers
• Test Instrumentation
• EMC Amplifier Drivers




Similar Part No. - CMPA0060025F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA0060025F CREE-CMPA0060025F Datasheet
1Mb / 11P
25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
Rev 4.0
CMPA0060025F-AMP CREE-CMPA0060025F-AMP Datasheet
1Mb / 11P
25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
Rev 4.0
CMPA0060025F-TB CREE-CMPA0060025F-TB Datasheet
1Mb / 11P
25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
Rev 4.0
logo
WOLFSPEED, INC.
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
More results


Similar Description - CMPA0060025F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 2.4
CMPA0060002D CREE-CMPA0060002D Datasheet
417Kb / 7P
2 Watt, 20 MHz - 6000 MHz GaN HEMT MMIC Power Amplifier
Rev 1.1
CMPA0060002F CREE-CMPA0060002F Datasheet
961Kb / 9P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.0
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.2
CMPA0060025F CREE-CMPA0060025F Datasheet
1Mb / 11P
25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
Rev 4.0
CMPA2560025F CREE-CMPA2560025F_15 Datasheet
955Kb / 11P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.0
logo
WOLFSPEED, INC.
CMPA0060002F WOLFSPEED-CMPA0060002F Datasheet
2Mb / 10P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 3.3, 2022-12-8
CMPA0060025D WOLFSPEED-CMPA0060025D Datasheet
1Mb / 8P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
CMPA2560025F WOLFSPEED-CMPA2560025F Datasheet
999Kb / 12P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.1 April 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com