Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPA2560025F Datasheet (PDF) - WOLFSPEED, INC.

CMPA2560025F Datasheet PDF - WOLFSPEED, INC.
Part # CMPA2560025F
Download  CMPA2560025F Download
File Size   999.29 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier

CMPA2560025F Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA2560025F Datasheet PDF - WOLFSPEED, INC.

Part # CMPA2560025F
Download  CMPA2560025F Click to download

File Size   999.29 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier

CMPA2560025F Datasheet (HTML) - WOLFSPEED, INC.


CMPA2560025F Product details

Description
Cree’s CMPA2560025F is a gallium nitride (GaN) High Electron Mobility
Transistor (HEMT) based monolithic microwave integrated circuit
(MMIC). GaN has superior properties compared to silicon or gallium
arsenide, including higher breakdown voltage, higher saturated
electron drift velocity and higher thermal conductivity. GaN HEMTs also
offer greater power density and wider bandwidths compared to Si and
GaAs transistors. This MMIC contains a two-stage reactively matched
amplifier enabling very wide bandwidths to be achieved in a small
footprint screw-down package featuring a Copper-Tungsten heat-sink.
Features
• 24 dB Small Signal Gain
• 25 W Typical PSAT
• Operation up to 28 V
• High Breakdown Voltage
• High Temperature Operation
Applications
• Ultra Broadband Amplifiers
• Fiber Drivers
• Test Instrumentation
• EMC Amplifier Drivers




Similar Part No. - CMPA2560025F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 2.4
CMPA2560025F-AMP CREE-CMPA2560025F-AMP Datasheet
955Kb / 11P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.0
CMPA2560025F-TB CREE-CMPA2560025F-TB Datasheet
955Kb / 11P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.0
CMPA2560025F CREE-CMPA2560025F_15 Datasheet
955Kb / 11P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.0
More results


Similar Description - CMPA2560025F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 2.4
CMPA0060002D CREE-CMPA0060002D Datasheet
417Kb / 7P
2 Watt, 20 MHz - 6000 MHz GaN HEMT MMIC Power Amplifier
Rev 1.1
CMPA0060002F CREE-CMPA0060002F Datasheet
961Kb / 9P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.0
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.2
CMPA0060025F CREE-CMPA0060025F Datasheet
1Mb / 11P
25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
Rev 4.0
CMPA2560025F CREE-CMPA2560025F_15 Datasheet
955Kb / 11P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.0
logo
WOLFSPEED, INC.
CMPA0060002F WOLFSPEED-CMPA0060002F Datasheet
2Mb / 10P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 3.3, 2022-12-8
CMPA0060025D WOLFSPEED-CMPA0060025D Datasheet
1Mb / 8P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA0060025F WOLFSPEED-CMPA0060025F Datasheet
4Mb / 12P
25 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 4.3, 2022-12-13
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com