Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC1G86 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC1G86 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC1G86
Download  74HC1G86 Download
File Size   208.73 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input EXCLUSIVE-OR gate

74HC1G86 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC1G86 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC1G86
Download  74HC1G86 Click to download

File Size   208.73 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input EXCLUSIVE-OR gate

74HC1G86 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC1G86 Product details

1. General description
The 74HC1G86; 74HCT1G86 is a single 2-input EXCLUSIVE-OR gate. Inputs also include clamp
diodes, this enables the use of current limiting resistors to interface inputs to voltages in excess of
VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• Input levels:
• For 74HC1G86: CMOS level
• For 74HCT1G86: TTL level
• CMOS low power dissipation
• High noise immunity
• Symmetrical output impedance
• Balanced propagation delays
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114-A exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85° C and from -40° C to +125 °C




Similar Part No. - 74HC1G86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
2-input EXCLUSIVE-OR gate
1998 Aug 05
74HC1G86 NXP-74HC1G86 Datasheet
77Kb / 11P
2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
TECH PUBLIC Electronics...
74HC1G86 TECHPUBLIC-74HC1G86 Datasheet
2Mb / 7P
2—input Exclusive—OR Gate
logo
Nexperia B.V. All right...
74HC1G86-Q100 NEXPERIA-74HC1G86-Q100 Datasheet
684Kb / 12P
2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74HC1G86GV NXP-74HC1G86GV Datasheet
77Kb / 11P
2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
More results


Similar Description - 74HC1G86

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
2-input EXCLUSIVE-OR gate
2002 Jun 06
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
2-input EXCLUSIVE-OR gate
1998 Aug 05
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
2-input Exclusive-OR Gate
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
2-INPUT EXCLUSIVE-OR GATE
logo
Fairchild Semiconductor
74F86 FAIRCHILD-74F86_03 Datasheet
64Kb / 5P
2-Input Exclusive-OR Gate
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
2-input Exclusive-OR Gate
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
2-input Exclusive OR Gate
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Nexperia B.V. All right...
74AHC1G86-Q100 NEXPERIA-74AHC1G86-Q100 Datasheet
686Kb / 13P
2-input EXCLUSIVE-OR gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com