Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G14 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC2G14 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC2G14
Download  74HC2G14 Download
File Size   260.43 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual inverting Schmitt trigger

74HC2G14 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC2G14 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC2G14
Download  74HC2G14 Click to download

File Size   260.43 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual inverting Schmitt trigger

74HC2G14 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC2G14 Product details

1. General description
The 74HC2G14; 74HCT2G14 is a dual inverter with Schmitt-trigger inputs. Inputs include clamp
diodes. This enables the use of current limiting resistors to interface inputs to voltages in excess of
VCC. Schmitt trigger inputs transform slowly changing input signals into sharply defined jitter-free
output signals.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• Input levels:
• For 74HC2G14: CMOS level
• For 74HCT2G14: TTL level
• High noise immunity
• CMOS low power dissipation
• Balanced propagation delays
• Unlimited input rise and fall times
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Applications
• Wave and pulse shaper for highly noisy environments
• Astable multivibrators
• Monostable multivibrators




Similar Part No. - 74HC2G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G14 PHILIPS-74HC2G14 Datasheet
71Kb / 17P
Inverting Schmitt-triggers
2003 May 1
74HC2G14 NXP-74HC2G14 Datasheet
95Kb / 19P
Dual inverting Schmitt trigger
Rev. 01 - 11 October 2006
logo
TECH PUBLIC Electronics...
74HC2G14 TECHPUBLIC-74HC2G14 Datasheet
2Mb / 6P
Dual inverting Schmitt trigger
logo
Nexperia B.V. All right...
74HC2G14-Q100 NEXPERIA-74HC2G14-Q100 Datasheet
803Kb / 21P
Dual inverting Schmitt trigger
logo
NXP Semiconductors
74HC2G14GV PHILIPS-74HC2G14GV Datasheet
71Kb / 17P
Inverting Schmitt-triggers
2003 May 1
More results


Similar Description - 74HC2G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G17 PHILIPS-74HC2G17 Datasheet
96Kb / 18P
Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
74HC2G14 NXP-74HC2G14 Datasheet
95Kb / 19P
Dual inverting Schmitt trigger
Rev. 01 - 11 October 2006
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
Inverting Schmitt trigger
Rev. 06 ??18 May 2009
74HC_HCT2G14 PHILIPS-74HC_HCT2G14_15 Datasheet
141Kb / 21P
Dual inverting Schmitt trigger
Rev. 2-14 March 2014
74HC_HCT2G17 PHILIPS-74HC_HCT2G17_15 Datasheet
104Kb / 18P
Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
logo
Nexperia B.V. All right...
74HC2G14-Q100 NEXPERIA-74HC2G14-Q100 Datasheet
803Kb / 21P
Dual inverting Schmitt trigger
74HC2G17-Q100 NEXPERIA-74HC2G17-Q100 Datasheet
721Kb / 19P
Dual non-inverting Schmitt trigger
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
Inverting Schmitt trigger
Rev. 2 - 14 January 2022
74HC2G17 NEXPERIA-74HC2G17 Datasheet
252Kb / 15P
Dual non-inverting Schmitt trigger
Rev. 2 - 2 February 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com