Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G14 Datasheet (PDF) - NXP Semiconductors

74HC2G14 Datasheet PDF - NXP Semiconductors
Part # 74HC2G14
Download  74HC2G14 Download
File Size   95.88 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual inverting Schmitt trigger

74HC2G14 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC2G14 Datasheet PDF - NXP Semiconductors

Part # 74HC2G14
Download  74HC2G14 Click to download

File Size   95.88 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual inverting Schmitt trigger

74HC2G14 Datasheet (HTML) - NXP Semiconductors


74HC2G14 Product details

General description

The 74HC2G14; 74HCT2G14 is a high-speed Si-gate CMOS device. The 74HC2G14; 74HCT2G14 provides two inverting buffers with Schmitt trigger action which accept standard input signals. They are capable of transforming slowly changing input signals into sharply defined, jitter-free output signals. The inputs switch at different points for positive and negative-going signals. The difference between the positive voltage VT+ and the negative voltage VT− is defined as the input

hysteresis voltage VH.



Features

■ Wide supply voltage range from 2.0 V to 6.0 V

■ Complies with JEDEC standard no. 7A

■ High noise immunity

■ ESD protection:

  ◆ HBM JESD22-A114-D exceeds 2000 V

  ◆ MM JESD22-A115-A exceeds 200 V

■ Low power dissipation

■ Balanced propagation delays

■ Unlimited input rise and fall times

■ Multiple package options

■ Specified from −40 °C to +85 °C and −40 °C to +125 °C



Applications

■ Wave and pulse shaper for highly noisy environments

■ Astable multivibrators

■ Monostable multivibrators




Similar Part No. - 74HC2G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G14 PHILIPS-74HC2G14 Datasheet
71Kb / 17P
Inverting Schmitt-triggers
2003 May 1
logo
Nexperia B.V. All right...
74HC2G14 NEXPERIA-74HC2G14 Datasheet
260Kb / 16P
Dual inverting Schmitt trigger
Rev. 3 - 28 January 2022
logo
TECH PUBLIC Electronics...
74HC2G14 TECHPUBLIC-74HC2G14 Datasheet
2Mb / 6P
Dual inverting Schmitt trigger
logo
Nexperia B.V. All right...
74HC2G14-Q100 NEXPERIA-74HC2G14-Q100 Datasheet
803Kb / 21P
Dual inverting Schmitt trigger
logo
NXP Semiconductors
74HC2G14GV PHILIPS-74HC2G14GV Datasheet
71Kb / 17P
Inverting Schmitt-triggers
2003 May 1
More results


Similar Description - 74HC2G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G17 PHILIPS-74HC2G17 Datasheet
96Kb / 18P
Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
Inverting Schmitt trigger
Rev. 06 ??18 May 2009
74HC_HCT2G14 PHILIPS-74HC_HCT2G14_15 Datasheet
141Kb / 21P
Dual inverting Schmitt trigger
Rev. 2-14 March 2014
74HC_HCT2G17 PHILIPS-74HC_HCT2G17_15 Datasheet
104Kb / 18P
Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
logo
Nexperia B.V. All right...
74HC2G14-Q100 NEXPERIA-74HC2G14-Q100 Datasheet
803Kb / 21P
Dual inverting Schmitt trigger
74HC2G17-Q100 NEXPERIA-74HC2G17-Q100 Datasheet
721Kb / 19P
Dual non-inverting Schmitt trigger
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
Inverting Schmitt trigger
Rev. 2 - 14 January 2022
74HC2G14 NEXPERIA-74HC2G14 Datasheet
260Kb / 16P
Dual inverting Schmitt trigger
Rev. 3 - 28 January 2022
74HC2G17 NEXPERIA-74HC2G17 Datasheet
252Kb / 15P
Dual non-inverting Schmitt trigger
Rev. 2 - 2 February 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com