Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA260502M-V1-R3K Datasheet (PDF) - WOLFSPEED, INC.

GTRA260502M-V1-R3K Datasheet PDF - WOLFSPEED, INC.
Part # GTRA260502M-V1-R3K
Download  GTRA260502M-V1-R3K Download
File Size   762.29 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 2515 – 2675 MHz

GTRA260502M-V1-R3K Datasheet (PDF)

Go To PDF Page Download Datasheet
GTRA260502M-V1-R3K Datasheet PDF - WOLFSPEED, INC.

Part # GTRA260502M-V1-R3K
Download  GTRA260502M-V1-R3K Click to download

File Size   762.29 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 2515 – 2675 MHz

GTRA260502M-V1-R3K Datasheet (HTML) - WOLFSPEED, INC.


GTRA260502M-V1-R3K Product details

Description
The GTRA260502M is a 50-watt (P3dB) GaN on SiC high electron mobility
transistor (HEMT) for use in multi-standard cellular power amplifier
applications. It features input matching, high efficiency, and a thermallyenhanced DFN SMD package.
Features
• GaN on SiC HEMT technology
• Typical pulsed CW performance: 10 µs pulse width,
10% duty cycle, 2690 MHz, 48 V, Doherty configuration
- Efficiency = 64%
- Output power at P3dB = 50 W
• Human Body Model Class 1A (per ANSI/ESDA/JEDEC
JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant




Similar Part No. - GTRA260502M-V1-R3K

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA260502M CREE-GTRA260502M Datasheet
205Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT
More results


Similar Description - GTRA260502M-V1-R3K

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA364002FC CREE-GTRA364002FC Datasheet
279Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 ??3600 MHz
GTVA263202FC CREE-GTVA263202FC Datasheet
458Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 ??2690 MHz
GTRA263902FC CREE-GTRA263902FC Datasheet
486Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 370 W, 48 V, 2495 ??2690 MHz
GTVA261802FC CREE-GTVA261802FC Datasheet
495Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 ??2690 MHz
GTVA262711FA CREE-GTVA262711FA Datasheet
464Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 300 W, 48 V, 2620 ??2690 MHz
logo
WOLFSPEED, INC.
GTRA360502M-V1 WOLFSPEED-GTRA360502M-V1 Datasheet
844Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 3400 – 3800 MHz
Rev. 04, 2023-06-27
GTRA262802FC WOLFSPEED-GTRA262802FC Datasheet
515Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 – 2690 MHz
Rev. 03.3, 2022-1-27
GTVA212701FA WOLFSPEED-GTVA212701FA Datasheet
566Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2110 – 2200 MHz
Rev. 04.2, 2022-1-27
GTVA261802FC WOLFSPEED-GTVA261802FC Datasheet
536Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 – 2690 MHz
Rev. 02.1, 2022-1-27
GTVA263202FC WOLFSPEED-GTVA263202FC Datasheet
632Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 – 2690 MHz
Rev. 04.1, 2022-1-27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com