Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA260502M-V1-R3K Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # GTRA260502M-V1-R3K
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 2515 – 2675 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA260502M-V1-R3K Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  GTRA260502M-V1-R3K Datasheet HTML 1Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 2Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 3Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 4Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 5Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 6Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 7Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 8Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 04, 2023-06-26
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Features
• GaN on SiC HEMT technology
• Typical pulsed CW performance: 10 µs pulse width,
10% duty cycle, 2690 MHz, 48 V, Doherty configuration
- Efficiency = 64%
- Output power at P3dB = 50 W
• Human Body Model Class 1A (per ANSI/ESDA/JEDEC
JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
Description
The GTRA260502M is a 50-watt (P3dB) GaN on SiC high electron mobility
transistor (HEMT) for use in multi-standard cellular power amplifier
applications. It features input matching, high efficiency, and a thermally-
enhanced DFN SMD package.
GTRA260502M
Package PG-DFN-6.5x7-1
GTRA260502M
Thermally-Enhanced High Power RF GaN on SiC HEMT
50 W, 48 V, 2515 – 2675 MHz
Typical RF Characteristics
Single–carrier WCDMA Specifications (tested in Wolfspeed application circuit for 2515 –2675 MHz)
VDD = 48 V, IDQ = 25 mA, VGS(peak) = – 5 V, channel bandwidth = 3.84 MHz, input PAR = 10 dB @ 0.01% CCDF
POUT
(dBM)
Gain
(dB)
Efficiency
(%)
ACPR +
(dBc)
ACPR –
(dBc)
OPAR
(dB)
2500 MHz
39.0
15.8
59.5
–28.5
–28.5
8.6
2550 MHz
39.0
16.2
59.7
–28.2
–28.2
8.4
2600 MHz
39.0
16.5
59.2
–27.2
–27.2
8.2
2650 MHz
39.0
16.6
56.3
–26.5
–26.4
7.9
2700 MHz
39.0
16.4
53.9
–26.3
–26.1
8.1
5
15
25
35
45
55
65
3
6
9
12
15
18
21
18
23
28
33
38
43
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ = 25 mA,
VPK = –5.0 V, ƒ = 2700 MHz
3GPP WCDMA signal
10 dB PAR, 3.84 MHz bandwidth
Gain
Efficiency
PAR @ 0.01% CCDF
gtra260502m-gr1a


Similar Part No. - GTRA260502M-V1-R3K

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA260502M CREE-GTRA260502M Datasheet
205Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT
More results

Similar Description - GTRA260502M-V1-R3K

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA364002FC CREE-GTRA364002FC Datasheet
279Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 ??3600 MHz
GTVA263202FC CREE-GTVA263202FC Datasheet
458Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 ??2690 MHz
GTRA263902FC CREE-GTRA263902FC Datasheet
486Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 370 W, 48 V, 2495 ??2690 MHz
GTVA261802FC CREE-GTVA261802FC Datasheet
495Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 ??2690 MHz
GTVA262711FA CREE-GTVA262711FA Datasheet
464Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 300 W, 48 V, 2620 ??2690 MHz
logo
WOLFSPEED, INC.
GTRA360502M-V1 WOLFSPEED-GTRA360502M-V1 Datasheet
844Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 3400 – 3800 MHz
Rev. 04, 2023-06-27
GTRA262802FC WOLFSPEED-GTRA262802FC Datasheet
515Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 – 2690 MHz
Rev. 03.3, 2022-1-27
GTVA212701FA WOLFSPEED-GTVA212701FA Datasheet
566Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2110 – 2200 MHz
Rev. 04.2, 2022-1-27
GTVA261802FC WOLFSPEED-GTVA261802FC Datasheet
536Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 – 2690 MHz
Rev. 02.1, 2022-1-27
GTVA263202FC WOLFSPEED-GTVA263202FC Datasheet
632Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 – 2690 MHz
Rev. 04.1, 2022-1-27
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com