Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA260502M-V1-R3K Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # GTRA260502M-V1-R3K
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 2515 – 2675 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA260502M-V1-R3K Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  GTRA260502M-V1-R3K Datasheet HTML 1Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 2Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 3Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 4Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 5Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 6Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 7Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 8Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
GTRA260502M
®
Rev. 04, 2023--06-26
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Load Pull
Main Side Load Pull Performance – Pulsed CW signal – 10 µsec pulse width, 10% duty cycle, 48 V, 26 mA IDQ, class AB
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W]
Zl
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
Zl
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
2515
20 – j36
24.9 + j0.28
17.6
43.58
23
58.9
17.3 + j22.7
19.9
41.61
15
76.9
2675
37 – j25
22.6 + j6.9
17.4
43.56
23
65.3
12.2 + j24.0
19.0
40.66
12
77.3
Peak Side Load Pull Performance – Pulsed CW signal – 10 µsec pulse width, 10% duty cycle, 48 V, 45 mA IDQ, class AB
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W]
Zl
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
Zl
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
2515
9.2 – j21.0
12.5 + j3.3
18
46.38
44
62.8
8.3 + j13.2
20.3
44.13
26
75.1
2675
23.5 – j22.5
12.5 + j3.5
17.6
46.22
42
64.8
7.7 + j10.7
20.0
44.46
28
75.5
See next page for Doherty Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com