Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T45DC Datasheet (PDF) - Nexperia B.V. All rights reserved

74AXP2T45DC Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AXP2T45DC
Download  74AXP2T45DC Download
File Size   325.99 Kbytes
Page   26 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-bit dual supply translating transceiver; 3-state

74AXP2T45DC Datasheet (PDF)

Go To PDF Page Download Datasheet
74AXP2T45DC Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AXP2T45DC
Download  74AXP2T45DC Click to download

File Size   325.99 Kbytes
Page   26 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-bit dual supply translating transceiver; 3-state

74AXP2T45DC Datasheet (HTML) - Nexperia B.V. All rights reserved


74AXP2T45DC Product details

1. General description
The 74AXP2T45 is a 2-bit, dual supply transceiver with 3-state outputs that enables bidirectional
level translation. It features two 2-bit input-output ports (nA and nB), a direction control input
(DIR) and dual supply pins (VCC(A) and VCC(B)). Both VCC(A) and VCC(B) can be supplied at any
voltage between 0.9 V and 5.5 V making the device suitable for translating between any of the low
voltage nodes (0.9 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V and 5.0 V). No power supply sequencing is
required and output glitches during power supply transitions are prevented using patented circuitry.
As a result glitches will not appear on the outputs for supply transitions during power-up/down
between 20 mV/μs and 5.5 V/s. Pins A and DIR are referenced to VCC(A) and pin B is referenced
to VCC(B). A HIGH on DIR allows transmission from A to B and a LOW on DIR allows transmission
from B to A.
The device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing any damaging backflow current through the device when it is
powered down. In suspend mode when either VCC(A) or VCC(B) are at GND level, both A and B are
in the high-impedance OFF-state.
2. Features and benefits
• Wide supply voltage range:
• VCC(A): 0.9 V to 5.5 V
• VCC(B): 0.9 V to 5.5 V
• Low input capacitance; CI = 1.4 pF (typical)
• Low output capacitance; CO = 4.4 pF (typical)
• Low dynamic power consumption; CPD = 11 pF (typical)
• Low static power consumption; ICC = 2 μA (25 °C maximum)
• High noise immunity
• Complies with JEDEC standard:
• JESD8-12 (1.1 V to 1.3 V; inputs)
• JESD8-11 (1.4 V to 1.6 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• JESD12-6 (4.5 V to 5.5 V)
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2 exceeds 2 kV
• CDM: ANSI/ESDA/JEDEC JS-002 class C3 exceeds 1 kV
• Latch-up performance exceeds 100 mA per JESD78D Class II
• Inputs accept voltages up to 5.5 V
• Low noise overshoot and undershoot < 10% of VCCO
• IOFF circuitry provides partial power-down mode operation
• Specified from -40 °C to +125 °C




Similar Part No. - 74AXP2T45DC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP2T08 NEXPERIA-74AXP2T08 Datasheet
234Kb / 16P
Dual supply, dual 2-input AND gate
74AXP2T08-Q100 NEXPERIA-74AXP2T08-Q100 Datasheet
226Kb / 15P
Dual supply, dual 2-input AND gate
74AXP2T08DP NEXPERIA-74AXP2T08DP Datasheet
234Kb / 16P
Dual supply, dual 2-input AND gate
74AXP2T08DP-Q100 NEXPERIA-74AXP2T08DP-Q100 Datasheet
226Kb / 15P
Dual supply, dual 2-input AND gate
74AXP2T08GF NEXPERIA-74AXP2T08GF Datasheet
234Kb / 16P
Dual supply, dual 2-input AND gate
More results


Similar Description - 74AXP2T45DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
74LVC8T245BQ NXP-74LVC8T245BQ Datasheet
200Kb / 28P
8-bit dual supply translating transceiver; 3-state
Rev. 3-12 December 2011
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
16-bit dual supply translating transceiver 3-state
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
8-bit dual supply translating transceiver; 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
8-bit dual supply translating transceiver; 3-state
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74AXP4T245 NEXPERIA-74AXP4T245 Datasheet
326Kb / 27P
4-bit dual supply translating transceiver; 3-state
Rev. 2 - 6 February 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com