Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T45DC Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T45DC
Description  2-bit dual supply translating transceiver; 3-state
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T45DC Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74AXP2T45DC Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Nexperia
74AXP2T45
2-bit dual supply translating transceiver; 3-state
6. Pinning information
6.1. Pinning
74AXP2T45
VCC(A)
VCC(B)
1A
1B
2A
2B
GND
DIR
aaa-029971
1
2
3
4
6
5
8
7
Fig. 3. Pin configuration SOT765-1 (VSSOP8)
1
2
3
VCC(A)
1A
2A
8
4
7
6
5
1B
2B
DIR
aaa-029972
Transparent top view
74AXP2T45
GND
VCC(B)
Fig. 4. Pin configuration SOT1233-2 (X2SON8)
6.2. Pin description
Table 3. Pin description
Symbol
Pin
Description
VCC(A)
1
supply voltage A (nA, and DIR are referenced to VCC(A))
1A
2
data input or output
2A
3
data input or output
GND
4
ground (0 V)
DIR
5
direction control
2B
6
data input or output
1B
7
data input or output
VCC(B)
8
supply voltage B (nB is referenced to VCC(B))
7. Functional description
Table 4. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
Supply voltage
Input
Input/output [1]
VCC(A), VCC(B)
DIR[2]
nA[2]
nB[2]
0.9 V to 5.5 V
L
nA = nB
input
0.9 V to 5.5 V
H
input
nB = nA
GND[1]
X
Z
Z
[1] If at least one of VCC(A) or VCC(B) is at GND level, the device goes into suspend mode.
[2] nA and DIR are referenced to VCC(A); nB is referenced to VCC(B).
74AXP2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 2 — 23 June 2022
3 / 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com