Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T45DC Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T45DC
Description  2-bit dual supply translating transceiver; 3-state
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T45DC Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T45DC Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Nexperia
74AXP2T45
2-bit dual supply translating transceiver; 3-state
VCC(B)
1.2 V ± 0.1 V
1.5 V ± 0.1 V
1.8 V ± 0.15 V
2.5 V ± 0.2 V
3.3 V ± 0.3 V
5.0 V ± 0.5 V
Symbol Parameter Conditions
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Unit
DIR to nA
[1]
VCC(A) = 1.2 V ± 0.1 V
4.9
31
4.9
31
4.9
31
4.9
31
4.9
31
4.9
31
ns
VCC(A) = 1.5 V ± 0.1 V
3.9
17.8
3.9
17.8
3.9
17.8
3.9
17.8
3.9
17.8
3.9
17.8
ns
VCC(A) = 1.8 V ± 0.15 V
4.0
15.9
4.0
15.9
4.0
15.9
4.0
15.9
4.0
15.9
4.0
15.9
ns
VCC(A) = 2.5 V ± 0.2 V
2.9
12.9
2.9
12.9
2.9
12.9
2.9
12.9
2.9
12.9
2.9
12.9
ns
VCC(A) = 3.3 V ± 0.3 V
3.5
12.3
3.5
12.3
3.5
12.3
3.5
12.3
3.5
12.3
3.5
12.3
ns
VCC(A) = 5.0 V ± 0.5 V
2.4
9.6
2.4
9.6
2.4
9.6
2.4
9.6
2.4
9.6
2.4
9.6
ns
DIR to nB
VCC(A) = 1.2 V ± 0.1 V
5.6
36.8
4.8
27.9
5.1
26.7
4.4
22.8
5.1
23.5
4.1
20.7
ns
VCC(A) = 1.5 V ± 0.1 V
5.1
32.3
4.4
23.1
4.6
21.8
3.8
17.6
4.6
18.5
3.6
15.8
ns
VCC(A) = 1.8 V ± 0.15 V
4.7
30.9
4.0
21.5
4.3
20
3.4
16
4.2
15.5
3.3
13.2
ns
VCC(A) = 2.5 V ± 0.2 V
4.3
29
3.6
20
3.9
17.7
3.0
14
3.9
14.3
2.9
10.7
ns
VCC(A) = 3.3 V ± 0.3 V
4.2
28.9
3.5
19
3.7
16.7
2.9
12.6
3.7
13
2.7
10.3
ns
tdis
disable time
VCC(A) = 5.0 V ± 0.5 V
4.1
27.8
3.3
18.9
3.6
16.5
2.7
12.4
3.5
12.4
2.5
9.4
ns
nA, nB output
tt
transition
time
VCC(A) = 1.1 V to 5.5 V
1.0
-
1.0
-
1.0
-
1.0
-
1.0
-
1.0
-
ns
[1] tpd is the same as tPLH and tPHL; tdis is the same as tPLZ and tPHZ; ten is the same as tPZL and tPZH.
74AXP2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 2 — 23 June 2022
12 / 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com