Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T45DC Datasheet(PDF) 18 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T45DC
Description  2-bit dual supply translating transceiver; 3-state
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T45DC Datasheet(HTML) 18 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T45DC Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 21Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 22Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Nexperia
74AXP2T45
2-bit dual supply translating transceiver; 3-state
11.2. Additional propagation delay versus load capacitance graphs
CL (pF)
0
100
80
60
40
20
aaa-029962
6
tpd
(ns)
0
5
4
3
2
1
(1)
(2)
(3)
Tamb = -40 °C to +125 °C
For tPLH, tPHL, tPZH and tPZL
(1) Minimum: VCCO = 5.5 V
(2) Typical: Tamb = 25 °C; VCCO = 5 V
(3) Maximum: VCCO = 4.5 V
Fig. 8. Additional propagation delay versus load
capacitance
CL (pF)
0
100
80
60
40
20
aaa-029963
8
tpd
(ns)
0
2
4
6
(1)
(2)
(3)
Tamb = -40 °C to +125 °C
For tPLH, tPHL, tPZH and tPZL
(1) Minimum: VCCO = 3.6 V
(2) Typical: Tamb = 25 °C; VCCO = 3.3 V
(3) Maximum: VCCO = 3 V
Fig. 9. Additional propagation delay versus load
capacitance
CL (pF)
0
100
80
60
40
20
aaa-029964
10
tpd
(ns)
0
2
4
6
8
(3)
(2)
(1)
Tamb = -40 °C to +125 °C
For tPLH, tPHL, tPZH and tPZL
(1) Minimum: VCCO = 2.7 V
(2) Typical: Tamb = 25 °C; VCCO = 2.5 V
(3) Maximum: VCCO = 2.3 V
Fig. 10. Additional propagation delay versus load
capacitance
CL (pF)
0
100
80
60
40
20
aaa-029965
12
tpd
(ns)
0
2
4
6
8
10
(2)
(1)
(3)
Tamb = -40 °C to +125 °C
For tPLH, tPHL, tPZH and tPZL
(1) Minimum: VCCO = 1.95 V
(2) Typical: Tamb = 25 °C; VCCO = 1.8 V
(3) Maximum: VCCO = 1.65 V
Fig. 11. Additional propagation delay versus load
capacitance
74AXP2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 2 — 23 June 2022
18 / 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com