Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP2T45DC Datasheet(PDF) 16 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T45DC
Description  2-bit dual supply translating transceiver; 3-state
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T45DC Datasheet(HTML) 16 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T45DC Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 20Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Nexperia
74AXP2T45
2-bit dual supply translating transceiver; 3-state
11.1. Waveforms and test circuit
001aak114
nA, nB input
nB, nA output
tPLH
tPHL
GND
VI
VOH
VM
VM
VOL
Measurement points are given in Table 15.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 5. The data input (nA, nB) to output (nB, nA) propagation delay times
aaa-029961
VM
VM
VM
VX
VY
VI
GND
VCCO
VOL
VOH
DIR input
A output
LOW-to-OFF
OFF-to-LOW
A output
HIGH-to-OFF
OFF-to-HIGH
B output
LOW-to-OFF
OFF-to-LOW
B output
HIGH-to-OFF
OFF-to-HIGH
GND
tPLZ
tPZL
tPHZ
tPZH
tPZL
tPLZ
tPZH
tPHZ
VCCO
VX
VY
VM
VM
VOL
VOH
GND
Measurement points are given in Table 15.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 6. Enable and disable times
Table 15. Measurement points
Supply voltage
Input [1]
Output [2]
VCC(A), VCC(B)
VM
VM
VX
VY
0.9 V to 1.6 V
0.5 × VCCI
0.5 × VCCO
VOL + 0.1 V
VOH - 0.1 V
1.65 V to 2.7 V
0.5 × VCCI
0.5 × VCCO
VOL + 0.15 V
VOH - 0.15 V
3.0 V to 5.5 V
0.5 × VCCI
0.5 × VCCO
VOL + 0.3 V
VOH - 0.3 V
[1] VCCI is the supply voltage associated with the control input or input port.
[2] VCCO is the supply voltage associated with the output port.
74AXP2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 2 — 23 June 2022
16 / 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com