Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3280 Datasheet (PDF) - Analog Devices

ADCA3280 Datasheet PDF - Analog Devices
Part # ADCA3280
Download  ADCA3280 Download
File Size   617.23 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DOCSIS 4.0, 24 V Power Doubler Amplifier, 45 MHz to 1794 MHz

ADCA3280 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADCA3280 Datasheet PDF - Analog Devices

Part # ADCA3280
Download  ADCA3280 Click to download

File Size   617.23 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DOCSIS 4.0, 24 V Power Doubler Amplifier, 45 MHz to 1794 MHz

ADCA3280 Datasheet (HTML) - Analog Devices


ADCA3280 Product details

GENERAL DESCRIPTION
The ADCA3280 is a power doubler with 22.7 dB of power gain
at 1794 MHz designed for operation in 24 V applications. The amplifier
can also be operated with a lower supply voltage, providing
superior efficiency as seen in Figure 10, Figure 17, and Figure 20.
The device achieves high RF output up to 75 dBmV total composite
power (TCP) with excellent noise power ratio (NPR), or equivalently
modulation error ratio (MER), with channel loading to 1.8 GHz as
well as 1.2 GHz, making it an ideal output stage device for DOCSIS
4.0 as well as DOCSIS 3.1 equipment. The DC current and
supply voltage can be adjusted externally for optimum distortion
performance vs. power consumption over a range of output levels.
The ADCA3280 provides high performance, simplifying the design
and manufacturing of DOCSIS 3.1 and DOCSIS 4.0 infrastructure equipment.

FEATURES
► Excellent linearity for TCP up to 75 dBmV
► Power gain: 22.7 dB at 1794 MHz
► S11: <−17 dB from 108 MHz to 1794 MHz
► S22: <−19 dB from 108 MHz to 1794 MHz
► Flexible supply voltage range: 24 V to 18 V
► Adjustable supply current: 570 mA to 450 mA
► Internal precision voltage reference to improvement current stability over process and temperature
► Internal temperature monitor
► Industry standard, 9-terminal, 9 mm x 8 mm LGA_CAV, surfacemounted package
► Excellent thermal conductivity

APPLICATIONS
► 258 MHz to 1794 MHz extended spectrum CATV infrastructure amplifier systems
► 108 MHz to 1218 MHz CATV infrastructure amplifier systems
► Remote nodes
► DOCSIS 3.1 and 4.0 compliant




Similar Part No. - ADCA3280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCA3270 AD-ADCA3270 Datasheet
410Kb / 14P
DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
7/2021-Revision 0
ADCA3270-EVALZ AD-ADCA3270-EVALZ Datasheet
410Kb / 14P
DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
7/2021-Revision 0
ADCA3270ACEZ AD-ADCA3270ACEZ Datasheet
410Kb / 14P
DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
7/2021-Revision 0
ADCA3270ACEZ-R7 AD-ADCA3270ACEZ-R7 Datasheet
410Kb / 14P
DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
7/2021-Revision 0
More results


Similar Description - ADCA3280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8024 AD-AD8024 Datasheet
164Kb / 11P
Quad 350 MHz 24 V Amplifier
REV.B
AD8024 AD-AD8024_01 Datasheet
166Kb / 12P
Quad 350 MHz 24 V Amplifier
REV. C
logo
Qorvo, Inc
QPA3333 QORVO-QPA3333 Datasheet
338Kb / 9P
45-1218 MHz GaAs/GaN Power Doubler Module
RFCM3328 QORVO-RFCM3328 Datasheet
681Kb / 8P
45-1218 MHz GaAs/GaN Power Doubler Module
logo
Skyworks Solutions Inc.
ACA2420 SKYWORKS-ACA2420 Datasheet
561Kb / 12P
24 V, 1000 MHz, 21.5 dB Gain High Output Power Doubler Line Amplifier
logo
Analog Devices
ADCA3950 AD-ADCA3950 Datasheet
257Kb / 11P
DOCSIS 3.1 Power Doubler Hybrid Module, 45 MHz to 1218 MHz
12/2020-Revision 0
ADCA3952 AD-ADCA3952 Datasheet
335Kb / 12P
DOCSIS 3.1, Power Doubler Hybrid Module, 45 MHz to 1218 MHz
11/2020-Revision 0
ADCA3270 AD-ADCA3270 Datasheet
410Kb / 14P
DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
7/2021-Revision 0
ADCA3992 AD-ADCA3992 Datasheet
272Kb / 9P
45 MHz to 1218 MHz, CATV Power Doubler Hybrid
1/2020-Revision 0
logo
Qorvo, Inc
QPA3333 QORVO-QPA3333_V01 Datasheet
381Kb / 9P
45-1218 MHz GaAs/GaN Power Doubler Module
October 2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com