Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5377 Datasheet (PDF) - PMC-Sierra, Inc

PM5377 Datasheet PDF - PMC-Sierra, Inc
Part # PM5377
Download  PM5377 Download
File Size   32.09 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Single Chip 96-Port STS-1/STM-0 Cross-Connect

PM5377 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5377 Datasheet PDF - PMC-Sierra, Inc

Part # PM5377
Download  PM5377 Click to download

File Size   32.09 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Single Chip 96-Port STS-1/STM-0 Cross-Connect

PM5377 Datasheet (HTML) - PMC-Sierra, Inc


PM5377 Product details

FEATURES
• Implements a 240G memory switch fabric with STS-1/AU-3 switching granularity.
• 96 ingress and 96 egress STS- 48/STS-12 ports for a maximum of 4608 STS-1/AU-3 streams in a single device.
• Supports a single-stage, anycast switching capacity of 240G.

SWITCH PORT CONFIGURATION
• Each port can be individually configured for 2.488Gbit/s or 622Mbit/s operation. Ingress and egress links of a port can be individually configured.
• Optionally inserts AIS on ingress links that are out-of-frame.
• Supports unequipped overwrite, and path AIS overwrite on a per egress port and per egress grain basis.
• Implements the ESSI Frame layer

TOH PROCESSING AND TESTING
• Supports transport overhead processing of ports in groups of 24.
• TOH extract clock and data interface capable of extracting a set of TOH bytes per ingress port. Selection of the bytes to be extracted is user programmable on a per 24-port group basis.
• TOH insert clock and data interface capable of overwriting a set of TOH bytes per egress port. Selection of the bytes to overwrite is user programmable on a per 24-port group basis.

GLOBAL FRAME SYNCHRONIZATION
• Supports frame synchronization via a global frame pulse input signal.
• Provides software readable registers that report the difference between the arrival time of the J0 byte and the time the device frame reference expects to read the J0 byte from the ingress port FIFO on a per ingress port basis.

GENERAL
• RASIO 3G high-speed serial ingress and egress links.
• Low-power 1.2 V CMOS core logic with 2.5V digital outputs and 3.3V tolerant 2.5V digital inputs.
• 1152-pin FCBGA, 35 x 35 mm.
• Driven by a 155.52 MHz reference clock.
• Provides a standard five signal IEEE 1149.1 JTAG test port for boundary scan board test.
• Provides a generic 16-bit microprocessor bus interface for configuration, control, and status monitoring.
• 23 W typical power consumption when all features and links @ 2.488 Gbit/s are enabled and active.

APPLICATIONS
• SDH/SONET ADM
• MSPP
• Terminal Multiplexers
• Digital Cross-Connects




Similar Part No. - PM5377

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5370 PMC-PM5370 Datasheet
62Kb / 2P
SONET/SDH Wideband Cross-Connect
PM5371 PMC-PM5371 Datasheet
74Kb / 2P
VT/TU Cross-Connect Switch
PM5371 PMC-PM5371 Datasheet
313Kb / 2P
SONET/SDH TRIBUTARY UNIT CROSS CONNECT
PM5371-RI PMC-PM5371-RI Datasheet
313Kb / 2P
SONET/SDH TRIBUTARY UNIT CROSS CONNECT
PM5371-RI PMC-PM5371-RI Datasheet
308Kb / 93P
SONET/SDH TRIBUTARY UNIT CROSS CONNECT
More results


Similar Description - PM5377

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
Exar Corporation
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT94L31 EXAR-XRT94L31 Datasheet
52Kb / 4P
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER
XRT94L33 EXAR-XRT94L33_3 Datasheet
3Mb / 801P
-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SONET REGISTERS
XRT91L30_0611 EXAR-XRT91L30_0611 Datasheet
694Kb / 39P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L32 EXAR-XRT91L32 Datasheet
650Kb / 37P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31 EXAR-XRT91L31_08 Datasheet
832Kb / 41P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L34 EXAR-XRT91L34 Datasheet
421Kb / 38P
QUAD CHANNEL MULTIRATE STS-12/3/1 AND STM-4/1/0 SONET/SDH CDR
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com