Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8412P Datasheet (PDF) - Belden Inc.

8412P Datasheet PDF - Belden Inc.
Part # 8412P
Download  8412P Download
File Size   140.14 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Plenum Microphone Cable, 2 Conductor 20 AWG, CMP

8412P Datasheet (PDF)

Go To PDF Page Download Datasheet
8412P Datasheet PDF - Belden Inc.

Part # 8412P
Download  8412P Click to download

File Size   140.14 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Plenum Microphone Cable, 2 Conductor 20 AWG, CMP

8412P Datasheet (HTML) - Belden Inc.


8412P Product details

Product Description
20 AWG, 2 stranded (7x28) high-conductivity TC conductors, FEP Teflon® insulation, TC braid shield (85%), FEP Teflon® jacket.




Similar Part No. - 8412P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8412 ETC2-8412 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
3M Electronics
8412 3M-8412 Datasheet
13Kb / 2P
Polyester Film Tape
05-Jun-2001
logo
Belden Inc.
8412 BELDEN-8412 Datasheet
98Kb / 2P
8412 Multi-Conductor - Two-Conductor, Low-Impedance Cable
01-05-2017
logo
Heyco.
8412 HEYCO-8412 Datasheet
109Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
logo
Christian Bürkert GmbH ...
8412 BURKERT-8412 Datasheet
850Kb / 11P
RTD temperature sensor with CANopen interface
13.09.2022
More results


Similar Description - 8412P

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8402 BELDEN-8402 Datasheet
172Kb / 2P
Microphone Cable, 2 Conductor 20 AWG, TC
12-20-2022
1776 BELDEN-1776 Datasheet
147Kb / 2P
Microphone Cable, 2 Conductor 20 AWG, TC
11-09-2022
1812A BELDEN-1812A Datasheet
186Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
8405 BELDEN-8405 Datasheet
200Kb / 3P
Microphone Cable, 5 Conductor 20 AWG, TC
12-20-2022
9394 BELDEN-9394 Datasheet
144Kb / 2P
Microphone Cable, 1 Conductor 20 AWG, TC
11-09-2022
9778 BELDEN-9778 Datasheet
186Kb / 2P
Microphone Cable, 1 Conductor 20 AWG, TC
11-09-2022
8413 BELDEN-8413 Datasheet
143Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, TC
12-20-2022
9399 BELDEN-9399 Datasheet
170Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, TC
11-09-2022
6400UE BELDEN-6400UE Datasheet
163Kb / 2P
Security & Sound, 2 Conductor 20 AWG, BC, CMP
12-20-2022
6400UH BELDEN-6400UH Datasheet
144Kb / 2P
Security & Sound, 2 Conductor 20 AWG, TC, Plenum
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com