Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8787 Datasheet (PDF) - Belden Inc.

8787 Datasheet PDF - Belden Inc.
Part # 8787
Download  8787 Download
File Size   192.04 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio, Control and Instrumentation, 8 Conductor 24 AWG, Shielded Quads; 2 Conductor 22 AWG Unshielded

8787 Datasheet (PDF)

Go To PDF Page Download Datasheet
8787 Datasheet PDF - Belden Inc.

Part # 8787
Download  8787 Click to download

File Size   192.04 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio, Control and Instrumentation, 8 Conductor 24 AWG, Shielded Quads; 2 Conductor 22 AWG Unshielded

8787 Datasheet (HTML) - Belden Inc.


8787 Product details

Product Description
8 Conductor 24 AWG stranded (7x32) TC, shielded quads, polyethylene insulation, 24 AWG stranded TC drain wire; 2 Conductor 22 AWG stranded (7x30) TC ,
Unshielded, PVC insulation, PVC jacket.




Similar Part No. - 8787

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87871-2203 MOLEX10-87871-2203 Datasheet
234Kb / 4P
1.25mm (.049) Pitch Board-to-Board Receptacle, Through Hole, Friction Lock, with Kinked PC Tails, 3 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
87871-2205 MOLEX10-87871-2205 Datasheet
234Kb / 4P
1.25mm (.049) Pitch Board-to-Board Receptacle, Through Hole, Friction Lock, with Kinked PC Tails, 5 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
87871-2207 MOLEX10-87871-2207 Datasheet
234Kb / 4P
1.25mm (.049) Pitch Board-to-Board Receptacle, Through Hole, Friction Lock, with Kinked PC Tails, 7 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
87871-2209 MOLEX10-87871-2209 Datasheet
234Kb / 4P
1.25mm (.049) Pitch Board-to-Board Receptacle, Through Hole, Friction Lock, with Kinked PC Tails, 9 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
87871-2211 MOLEX10-87871-2211 Datasheet
234Kb / 4P
1.25mm (.049) Pitch Board-to-Board Receptacle, Through Hole, Friction Lock, with Kinked PC Tails, 11 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
More results


Similar Description - 8787

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9498 BELDEN-9498 Datasheet
178Kb / 2P
Audio, Control and Instrumentation, 3 Conductor 16 AWG, Unjacketed
12-20-2022
1813A BELDEN-1813A Datasheet
184Kb / 2P
Audio Cable, 2 Conductor 24 AWG, BC
01-20-2023
5100UP BELDEN-5100UP Datasheet
144Kb / 2P
Audio Cable, 2 Conductor 14 AWG, BC, Unshielded, CL3
04-13-2023
5T00UP BELDEN-5T00UP Datasheet
142Kb / 2P
Audio Cable, 2 Conductor 10 AWG, BC, Unshielded, CL2
04-13-2023
5000UP BELDEN-5000UP Datasheet
143Kb / 2P
Audio Cable, 2 Conductor 12 AWG, BC, Unshielded, CL3
04-13-2023
8782 BELDEN-8782 Datasheet
143Kb / 2P
Speaker Cable, 2 Conductor 24 AWG BC, Unshielded, CM
01-20-2023
5300UP BELDEN-5300UP Datasheet
153Kb / 2P
Audio Cable, 2 Conductor 18 AWG, BC, Unshielded, CM
12-19-2022
5200UP BELDEN-5200UP Datasheet
176Kb / 2P
Audio Cable, 2 Conductor 16 AWG, BC, Unshielded, CM
04-28-2023
9151 BELDEN-9151 Datasheet
154Kb / 2P
Speaker Cable, 2 Conductor 22 AWG BC, Unshielded, CM
12-20-2022
9712 BELDEN-9712 Datasheet
144Kb / 2P
Speaker Cable, 2 Conductor 22 AWG BC, Unshielded, CM
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com