Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC7WH126DP Datasheet (PDF) - Nexperia B.V. All rights reserved

XC7WH126DP Datasheet PDF - Nexperia B.V. All rights reserved
Part # XC7WH126DP
Download  XC7WH126DP Download
File Size   212.5 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual buffer/line driver; 3-state

XC7WH126DP Datasheet (PDF)

Go To PDF Page Download Datasheet
XC7WH126DP Datasheet PDF - Nexperia B.V. All rights reserved

Part # XC7WH126DP
Download  XC7WH126DP Click to download

File Size   212.5 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual buffer/line driver; 3-state

XC7WH126DP Datasheet (HTML) - Nexperia B.V. All rights reserved


XC7WH126DP Product details

1. General description
The XC7WH126 is a high-speed Si-gate CMOS devices. This device provides a dual non-inverting
buffer/line driver with 3-state output. The 3-state output is controlled by the output enable input
(nOE). A LOW at nOE causes the output to assume a high-impedance OFF-state.
2. Features and benefits
• Symmetrical output impedance
• High noise immunity
• Low power dissipation
• Balanced propagation delays
• ESD protection:
• HBM JESD22-A114E: exceeds 2000 V
• MM JESD22-A115-A: exceeds 200 V
• CDM JESD22-C101C: exceeds 1000 V
• Specified from -40 °C to +125 °C




Similar Part No. - XC7WH126DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XC7WH126DP PHILIPS-XC7WH126DP Datasheet
91Kb / 13P
High-speed Si-gate CMOS device, dual non-inverting buffer/line driver with 3-state output
Rev. 01-2 September 2009
More results


Similar Description - XC7WH126DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
Dual buffer/line driver; 3-state
2003 Mar 03
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
DUAL BUFFER/LINE DRIVER; 3-STATE
logo
NXP Semiconductors
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com