Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC7WH126DP Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # XC7WH126DP
Description  Dual buffer/line driver; 3-state
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

XC7WH126DP Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button XC7WH126DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved XC7WH126DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved XC7WH126DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved XC7WH126DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved XC7WH126DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved XC7WH126DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved XC7WH126DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved XC7WH126DP Datasheet HTML 10Page - Nexperia B.V. All rights reserved XC7WH126DP Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Nexperia
XC7WH126
Dual buffer/line driver; 3-state
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Test data is given in Table 10.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig. 7. Test circuit for measuring switching times
Table 10. Test data
Input
Load
S1 position
Type
VI
tr, tf
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
XC7WH126
VCC
≤ 3 ns
15 pF, 50 pF 1 kΩ
open
GND
VCC
XC7WH126
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 3 — 25 February 2019
7 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com