Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC7WH126DP Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # XC7WH126DP
Description  Dual buffer/line driver; 3-state
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

XC7WH126DP Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  XC7WH126DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved XC7WH126DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved XC7WH126DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved XC7WH126DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved XC7WH126DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved XC7WH126DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved XC7WH126DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved XC7WH126DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved XC7WH126DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Nexperia
XC7WH126
Dual buffer/line driver; 3-state
10. Static characteristics
Table 7. Static characteristics
Voltages are referenced to GND (ground = 0 V).
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ Max
Min
Max
Min
Max
Unit
VCC = 2.0 V
1.5
-
-
1.5
-
1.5
-
V
VCC = 3.0 V
2.1
-
-
2.1
-
2.1
-
V
VIH
HIGH-level
input voltage
VCC = 5.5 V
3.85
-
-
3.85
-
3.85
-
V
VCC = 2.0 V
-
-
0.5
-
0.5
-
0.5
V
VCC = 3.0 V
-
-
0.9
-
0.9
-
0.9
V
VIL
LOW-level
input voltage
VCC = 5.5 V
-
-
1.65
-
1.65
-
1.65
V
VI = VIH or VIL
IO = -50 μA; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = -50 μA; VCC = 3.0 V
2.9
3.0
-
2.9
-
2.9
-
V
IO = -50 μA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = -4.0 mA; VCC = 3.0 V 2.58
-
-
2.48
-
2.40
-
V
VOH
HIGH-level
output voltage
IO = -8.0 mA; VCC = 4.5 V 3.94
-
-
3.8
-
3.70
-
V
VI = VIH or VIL
IO = 50 μA; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 50 μA; VCC = 3.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 50 μA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.36
-
0.44
-
0.55
V
VOL
LOW-level
output voltage
IO = 8.0 mA; VCC = 4.5 V
-
-
0.36
-
0.44
-
0.55
V
IOZ
OFF-state
output current
VI = VCC or GND; VCC = 5.5 V
-
-
0.25
-
2.5
-
10
μA
II
input leakage
current
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
-
-
0.1
-
1.0
-
2.0
μA
ICC
supply current VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
1.0
-
10
-
40
μA
CI
input
capacitance
-
1.5
10
-
10
-
10
pF
XC7WH126
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 3 — 25 February 2019
4 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com