Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1916A Datasheet (PDF) - Belden Inc.

1916A Datasheet PDF - Belden Inc.
Part # 1916A
Download  1916A Download
File Size   179.51 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Snake Cable, #24-16pr, BC, Indiv. Shielded

1916A Datasheet (PDF)

Go To PDF Page Download Datasheet
1916A Datasheet PDF - Belden Inc.

Part # 1916A
Download  1916A Click to download

File Size   179.51 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Snake Cable, #24-16pr, BC, Indiv. Shielded

1916A Datasheet (HTML) - Belden Inc.


1916A Product details

Product Description
Audio Snake Cable, 16-24 AWG bare copper pairs, polyolefin insulation, individually shielded with double serve "French Braid", drain, numbered/color-coded
PVC jackets, flexible PVC jacket




Similar Part No. - 1916A

ManufacturerPart #DatasheetDescription
logo
Greenlee Communications
1916 GREENLEE-1916 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
logo
Kendall Howard
1916-2-100-2 KENDALLHOWARD-1916-2-100-2 Datasheet
893Kb / 2P
V-RACKS
1916-2-100-2 KENDALLHOWARD-1916-2-100-2 Datasheet
893Kb / 2P
V-RACKS
1916-2-100-3 KENDALLHOWARD-1916-2-100-3 Datasheet
893Kb / 2P
V-RACKS
1916-2-100-3 KENDALLHOWARD-1916-2-100-3 Datasheet
893Kb / 2P
V-RACKS
More results


Similar Description - 1916A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1427B BELDEN-1427B Datasheet
179Kb / 3P
Audio Snake Cable, #24-24pr, TC, Indiv. Shielded
11-09-2022
1514C BELDEN-1514C Datasheet
180Kb / 3P
Audio Snake Cable, #24-16pr, TC, Indiv. Shielded, CM
12-19-2022
1902A BELDEN-1902A Datasheet
189Kb / 3P
Audio Snake Cable, #24-2pr, BC, Indiv. Shielded
12-19-2022
1904A BELDEN-1904A Datasheet
189Kb / 3P
Audio Snake Cable, #24-4pr, BC, Indiv. Shielded
12-19-2022
1912A BELDEN-1912A Datasheet
190Kb / 3P
Audio Snake Cable, #24-12pr, BC, Indiv. Shielded
12-20-2022
1906A BELDEN-1906A Datasheet
190Kb / 3P
Audio Snake Cable, #24-6pr, BC, Indiv. Shielded
12-19-2022
1908A BELDEN-1908A Datasheet
189Kb / 3P
Audio Snake Cable, #24-8pr, BC, Indiv. Shielded
12-19-2022
1924A BELDEN-1924A Datasheet
191Kb / 3P
Audio Snake Cable, #24-24pr, BC, Indiv. Shielded
11-09-2022
1932A BELDEN-1932A Datasheet
192Kb / 3P
Audio Snake Cable, #24-32pr, BC, Indiv. Shielded
11-09-2022
7893A BELDEN-7893A Datasheet
185Kb / 4P
Audio Snake Cable, #26-16pr, TC, Indiv. Shielded, CM
11-09-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com