Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT173 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT173 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT173
Download  74HCT173 Download
File Size   275.22 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad D-type flip-flop; positive-edge trigger; 3-state

74HCT173 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT173 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT173
Download  74HCT173 Click to download

File Size   275.22 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad D-type flip-flop; positive-edge trigger; 3-state

74HCT173 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT173 Product details

1. General description
The 74HC173; 74HCT173 is a quad positive-edge triggered D-type flip-flop. The device features
clock (CP), master reset (MR), two input enable (E1, E2) and two output enable (OE1, OE2) inputs.
When the input enables are LOW, the outputs Qn will assume the state of their corresponding Dn
inputs that meet the set-up and hold time requirements on the LOW-to-HIGH clock (CP) transition.
A HIGH on either input enable will cause the device to go into a hold mode, outputs hold their
previous state independently of clock and data inputs. A HIGH on MR forces the outputs LOW
independently of clock and data inputs. A HIGH on either output enable pin causes the outputs to
assume a high-impedance OFF-state. Operation of the output enable inputs does not affect the
state of the flip-flops. Inputs include clamp diodes. This enables the use of current limiting resistors
to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Complies with JEDEC standard no. 7A
• Input levels:
• For 74HC173: CMOS level
• For 74HCT173: TTL level
• Gated input enable for hold (do nothing) mode
• Gated output enable control mode
• Edge-triggered D-type register
• Asynchronous master reset
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74HCT173

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT173 PHILIPS-74HCT173 Datasheet
69Kb / 10P
Quad D-type flip-flop; positive-edge trigger; 3-state
December 1990
74HCT173N PHILIPS-74HCT173N Datasheet
69Kb / 10P
Quad D-type flip-flop; positive-edge trigger; 3-state
December 1990
More results


Similar Description - 74HCT173

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC173 PHILIPS-74HC173 Datasheet
69Kb / 10P
Quad D-type flip-flop; positive-edge trigger; 3-state
December 1990
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
74HC173D PHILIPS-74HC173D Datasheet
46Kb / 3P
Quad D-type flip-flop; positive-edge trigger; 3-state
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com