Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHCPDP Datasheet (PDF) - ams AG

LHCPDP Datasheet PDF - ams AG
Part # LHCPDP
Download  LHCPDP Download
File Size   2015.61 Kbytes
Page   22 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description This ultra-compact 1 W class LED provides a wide radiation pattern allowing perfect interaction and various designs including color mixing LED clusters.

LHCPDP Datasheet (PDF)

Go To PDF Page Download Datasheet
LHCPDP Datasheet PDF - ams AG

Part # LHCPDP
Download  LHCPDP Click to download

File Size   2015.61 Kbytes
Page   22 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description This ultra-compact 1 W class LED provides a wide radiation pattern allowing perfect interaction and various designs including color mixing LED clusters.

LHCPDP Datasheet (HTML) - ams AG


LHCPDP Product details

Features:
• Package: SMT ceramic package with silicone resin
and silicone lens
• Viewing angle at 50 % IV: 150°
• Color: 660 nm (hyper red)
• Radiant Flux: typ. 365 mW
• Radiant Efficiency: typ. 50 %
• Corrosion Robustness: Superior Corrosion
Robustness
• Lumen Maintenance: Test results according to
IESNA LM-80 available




Similar Part No. - LHCPDP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LHCPDP OSRAM-LHCPDP Datasheet
363Kb / 17P
SMD ceramic package with silicon resin with lens
More results


Similar Description - LHCPDP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BRPG1211C ETC-BRPG1211C Datasheet
170Kb / 2P
Bi-Color Ultra Compact SMT LED
logo
Rohm
SML-P24 ROHM-SML-P24 Datasheet
877Kb / 4P
Ultra compact 2-color type LED 1.0x1.0
logo
Silicon Laboratories
AN525 SILABS-AN525 Datasheet
1Mb / 10P
OPTIMIZED CLASS 1 PD DESIGNS USING
logo
Maxim Integrated Produc...
MAX77801 MAXIM-MAX77801 Datasheet
1Mb / 25P
Flexibility Supports Various Designs
Rev 0; 2/15
logo
STMicroelectronics
MATRIX-M24SR STMICROELECTRONICS-MATRIX-M24SR Datasheet
408Kb / 6P
Various antenna designs
20-Dec-2013
logo
Lumileds Lighting Compa...
CS130 LUMILEDS-CS130 Datasheet
1Mb / 3P
Innovative color mixing LEDs enable compact
logo
Luminus, Inc
CXM-6-30-90-18-PC32-F4-3 LUMINUS-CXM-6-30-90-18-PC32-F4-3 Datasheet
1Mb / 18P
Perfect White COB LED Arrays
logo
List of Unclassifed Man...
VLM100W-24 ETC-VLM100W-24 Datasheet
864Kb / 1P
96 W, Efficient, Compact Non-Dimmable CV Class 2 / Class II LED Drivers
logo
Quelighting Corp
QLSP08RGBXW-273 QUELIGHTING-QLSP08RGBXW-273 Datasheet
1Mb / 17P
This is a multi-color LED that provides high lumen output in the 5050 package.
1.0 11-23-2020
logo
List of Unclassifed Man...
VLM100 ETC-VLM100 Datasheet
1Mb / 10P
96 W, Efficient, Compact Constant Voltage Class 2 LED Drivers
Rev. February 2018
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com