Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4966G Datasheet (PDF) - Infineon Technologies AG

TLE4966G Datasheet PDF - Infineon Technologies AG
Part # TLE4966G
Download  TLE4966G Download
File Size   1194.44 Kbytes
Page   17 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High Precision Hall-Effect Switch with Direction Detection

TLE4966G Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4966G Datasheet PDF - Infineon Technologies AG

Part # TLE4966G
Download  TLE4966G Click to download

File Size   1194.44 Kbytes
Page   17 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High Precision Hall-Effect Switch with Direction Detection

TLE4966G Datasheet (HTML) - Infineon Technologies AG


TLE4966G Product details

Features
•2.7 V to 24 V supply voltage operation
•Operation from unregulated power supply
•High sensitivity and high stability
of the magnetic switching points
•High resistance to mechanical stress
by Active Error Compensation
•Reverse battery protection (-18 V)
•Superior temperature stability
•Peak temperatures up to 195°C without damage
•Low jitter (typ. 1 μs)
•Digital output signals
•Bipolar version
•Excellent matching between the 2 Hall probes
•Hall plate distance 1.45 mm
•Direction & speed information
•Direction signal switches before the speed signal
•SMD package PG-TSOP6-6-9

Functional Description
The TLE4966G is an integrated circuit double Hall-effect sensor designed specifically for highly accurate applications. Precise magnetic switching points and high temperature stability are achieved by active compensation circuits and chopper techniques on chip. They provide a speed signal at Q2 for every magnetic pole pair and a direction information at Q1, which is provided before the speed signal




Similar Part No. - TLE4966G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4966-2K INFINEON-TLE4966-2K Datasheet
1Mb / 14P
High Precision Hall Switch with two Outputs
Rev.1.0, 2010-06-28
TLE4966-3K INFINEON-TLE4966-3K Datasheet
1Mb / 15P
High Sensitivity Automotive Hall Switch with direction detection
Rev.1.0, 2010-09-20
TLE4966H INFINEON-TLE4966H Datasheet
180Kb / 11P
High Precision Hall-Effect Switch
2003-11-20
TLE4966K INFINEON-TLE4966K Datasheet
871Kb / 16P
High Precision Hall-Effect Switch with Direction Detection
Rev. 1.0, Sep 2007
TLE4966L INFINEON-TLE4966L Datasheet
170Kb / 11P
High Precision Hall-Effect Switch
Version 1.0 2003-11-20
More results


Similar Description - TLE4966G

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3421 ALLEGRO-3421 Datasheet
160Kb / 12P
HALL-EFFECT, DIRECTION-DETECTION SENSORS
September 6, 2000
logo
List of Unclassifed Man...
HAL710 ETC-HAL710 Datasheet
165Kb / 12P
Hall-Effect Sensor with Direction Detection
logo
Allegro MicroSystems
3422 ALLEGRO-3422 Datasheet
575Kb / 10P
HALL-EFFECT, DIRECTION-DETECTION SENSORS
logo
Micronas
HAL710 MICRONAS-HAL710_1 Datasheet
1,023Kb / 19P
Hall-Effect Sensors with Direction Detection
HAL710 MICRONAS-HAL710_2 Datasheet
168Kb / 2P
Hall-Effect Sensors with Direction Detection
logo
Infineon Technologies A...
TLE4966K INFINEON-TLE4966K Datasheet
871Kb / 16P
High Precision Hall-Effect Switch with Direction Detection
Rev. 1.0, Sep 2007
TLE4966L INFINEON-TLE4966L_09 Datasheet
854Kb / 16P
High Precision Hall-Effect Switch with Direction Detection
V 2.0, Feb 2009
TLE4966-3K INFINEON-TLE4966-3K Datasheet
1Mb / 15P
High Sensitivity Automotive Hall Switch with direction detection
Rev.1.0, 2010-09-20
logo
Allegro MicroSystems
A3422 ALLEGRO-A3422 Datasheet
1Mb / 11P
Hall Effect Direction Detection Sensor IC
logo
Infineon Technologies A...
TLI4966G INFINEON-TLI4966G Datasheet
1Mb / 17P
High Precision Hall-Effect Switch with Direction Detection
Rev 1.0, October 2019
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com