Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4966G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4966G
Description  High Precision Hall-Effect Switch with Direction Detection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4966G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4966G Datasheet HTML 3Page - Infineon Technologies AG TLE4966G Datasheet HTML 4Page - Infineon Technologies AG TLE4966G Datasheet HTML 5Page - Infineon Technologies AG TLE4966G Datasheet HTML 6Page - Infineon Technologies AG TLE4966G Datasheet HTML 7Page - Infineon Technologies AG TLE4966G Datasheet HTML 8Page - Infineon Technologies AG TLE4966G Datasheet HTML 9Page - Infineon Technologies AG TLE4966G Datasheet HTML 10Page - Infineon Technologies AG TLE4966G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TLE4966G
Overview
Data Sheet
7
Rev. 1.01, 2019-10-22
1.3
Pin Configuration (top view)
AEA03645
66
Year (y) = 0...9
Month (m) = 1...9,
O - October
N - November
D - December
s
12
3
4
5
± 0.15
0.73
± 0.15
0.8
6
1.45
Center of
Sensitive Area
speed
direction
Figure 1
Pin Definition and Center of Sensitive Area
Table 1
Pin Definitions and Functions PG-TSOP6-6-9
Pin No.
Symbol
Function
1
Q2
Speed
2
GND
Recommended connection to GND
3
Q1
Direction
4
V
S
Supply voltage
5
GND
Recommended connection to GND
6
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com