Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4966G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4966G
Description  High Precision Hall-Effect Switch with Direction Detection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4966G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4966G Datasheet HTML 9Page - Infineon Technologies AG TLE4966G Datasheet HTML 10Page - Infineon Technologies AG TLE4966G Datasheet HTML 11Page - Infineon Technologies AG TLE4966G Datasheet HTML 12Page - Infineon Technologies AG TLE4966G Datasheet HTML 13Page - Infineon Technologies AG TLE4966G Datasheet HTML 14Page - Infineon Technologies AG TLE4966G Datasheet HTML 15Page - Infineon Technologies AG TLE4966G Datasheet HTML 16Page - Infineon Technologies AG TLE4966G Datasheet HTML 17Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TLE4966G
Timing Diagrams for the Speed and Direction Outputs
Data Sheet
13
Rev. 1.01, 2019-10-22
6
Timing Diagrams for the Speed and Direction
Outputs
Applied Magnetic Field
90%
10%
V
Q
t
f
t
d
t
r
t
d
B
OP
B
RP
Figure 3
Timing Definition of the Speed Signal
t
dc
Speed
Direction
t
dc
t
Change of Direction
Figure 4
Timing Definition of the Direction Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com