Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3421 Datasheet (PDF) - Allegro MicroSystems

3421 Datasheet PDF - Allegro MicroSystems
Part # 3421
Download  3421 Download
File Size   160.35 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description HALL-EFFECT, DIRECTION-DETECTION SENSORS

3421 Datasheet (PDF)

Go To PDF Page Download Datasheet
3421 Datasheet PDF - Allegro MicroSystems

Part # 3421
Download  3421 Click to download

File Size   160.35 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description HALL-EFFECT, DIRECTION-DETECTION SENSORS

3421 Datasheet (HTML) - Allegro MicroSystems


3421 Product details

HALL-EFFECT, DIRECTION-DETECTION SENSORS

The A3421xKA and A3422xKA Hall-effect, direction-detection sensors are a new generation of special-function integrated sensors that are capable of sensing the direction of rotation of a ring magnet. These transducers provide separate digital outputs that provide information on magnet rotation speed, direction, and magnet pole count. These devices eliminate the major manufacturing hurdles encountered in fine-pitch direction-detection applications, namely maintaining accurate mechanical location between the two active Hall elements. Here, the two Hall elements are photolithographically aligned to better than 1 µm, as contrasted with 100 µm or worse mechanical location tolerance when manufactured discretely. These highly sensitive, temperature-stable, magnetic transducers are ideal for use in digital-encoder systems in the harsh environments of automotive or industrial applications. The A3421xKA is a high-hysteresis device designed for low-resolution pulse counting while the A3422xKA is a high-sensitivity device optimized for use with high-density magnets.

FEATURES
■ Internal Direction-Decoding Circuitry
■ Two Matched Hall Latches On A Single Substrate
■ Superior Temperature Stability
■ 4.5 V to 18 V Operation
   Electrically Defined Power-On State
   Under-Voltage Lockout




Similar Part No. - 3421

ManufacturerPart #DatasheetDescription
logo
Heyco.
3421 HEYCO-3421 Datasheet
106Kb / 1P
Beaded Ties
logo
3M Electronics
3421-6000 3M-3421-6000 Datasheet
461Kb / 3P
3M Pak 100 Wiremount Socket
28-Jan-2005
3421-6050 3M-3421-6050 Datasheet
470Kb / 3P
3M™ Pak 100 Wiremount Socket
28-Jan-2005
3421-60E 3M-3421-60E Datasheet
470Kb / 3P
3M™ Pak 100 Wiremount Socket
28-Jan-2005
3421-60I 3M-3421-60I Datasheet
470Kb / 3P
3M™ Pak 100 Wiremount Socket
28-Jan-2005
More results


Similar Description - 3421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL710 ETC-HAL710 Datasheet
165Kb / 12P
Hall-Effect Sensor with Direction Detection
logo
Allegro MicroSystems
3422 ALLEGRO-3422 Datasheet
575Kb / 10P
HALL-EFFECT, DIRECTION-DETECTION SENSORS
logo
Micronas
HAL710 MICRONAS-HAL710_1 Datasheet
1,023Kb / 19P
Hall-Effect Sensors with Direction Detection
HAL710 MICRONAS-HAL710_2 Datasheet
168Kb / 2P
Hall-Effect Sensors with Direction Detection
logo
Infineon Technologies A...
TLE4966K INFINEON-TLE4966K Datasheet
871Kb / 16P
High Precision Hall-Effect Switch with Direction Detection
Rev. 1.0, Sep 2007
TLE4966L INFINEON-TLE4966L_09 Datasheet
854Kb / 16P
High Precision Hall-Effect Switch with Direction Detection
V 2.0, Feb 2009
logo
Allegro MicroSystems
A1233 ALLEGRO-A1233 Datasheet
738Kb / 12P
Dual-Channel Hall-Effect Direction Detection Sensor IC
A3422 ALLEGRO-A3422 Datasheet
1Mb / 11P
Hall Effect Direction Detection Sensor IC
A3423 ALLEGRO-A3423 Datasheet
499Kb / 10P
Dual Channel Hall Effect Direction Detection Sensor IC
logo
Infineon Technologies A...
TLI4966G INFINEON-TLI4966G Datasheet
1Mb / 17P
High Precision Hall-Effect Switch with Direction Detection
Rev 1.0, October 2019
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com