Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3421 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3421
Description  HALL-EFFECT, DIRECTION-DETECTION SENSORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3421 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3421 Datasheet HTML 1Page - Allegro MicroSystems 3421 Datasheet HTML 2Page - Allegro MicroSystems 3421 Datasheet HTML 3Page - Allegro MicroSystems 3421 Datasheet HTML 4Page - Allegro MicroSystems 3421 Datasheet HTML 5Page - Allegro MicroSystems 3421 Datasheet HTML 6Page - Allegro MicroSystems 3421 Datasheet HTML 7Page - Allegro MicroSystems 3421 Datasheet HTML 8Page - Allegro MicroSystems 3421 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3421 AND 3422
HALL-EFFECT,
DIRECTION-DETECTION
SENSORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
A3421xKA
A3422xKA
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Operate Point
BOP
TA = -40°C
140
185
300
—
29
85
G
TA = +25°C
130
160
280
—
29
75
G
TA = Maximum
120
—
260
—
—
75
G
Release Point3
BRP
TA = -40°C
-300
-190
-140
-85
-19
—
G
TA = +25°C
-280
-175
-130
-75
-18
—
G
TA = Maximum
-260
—
-120
-75
-16
—
G
Hysteresis
Bhys
TA = -40°C
280
375
—
10
48
—
G
TA = +25°C
260
335
—
10
46
—
G
TA = Maximum
240
—
—
10
—
—
G
Operate Differential
BOP1 - BOP2
——
±80
—
—
±60
G
Release Differential
BRP1 - BRP2
——
±80
—
—
±60
G
MAGNETIC CHARACTERISTICS over operating voltage range.
NOTES: 1. Magnetic flux density is measured at most sensitive area of device,
nominally located 0.014” (0.37 mm) below the branded face of the package.
2. Typical Data is at VCC = 12 V and TA = +25
°C and is for design information only.
3. As used here, negative flux densities are defined as less than zero (algebraic convention).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com