Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3421 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3421
Description  HALL-EFFECT, DIRECTION-DETECTION SENSORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3421 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3421 Datasheet HTML 1Page - Allegro MicroSystems 3421 Datasheet HTML 2Page - Allegro MicroSystems 3421 Datasheet HTML 3Page - Allegro MicroSystems 3421 Datasheet HTML 4Page - Allegro MicroSystems 3421 Datasheet HTML 5Page - Allegro MicroSystems 3421 Datasheet HTML 6Page - Allegro MicroSystems 3421 Datasheet HTML 7Page - Allegro MicroSystems 3421 Datasheet HTML 8Page - Allegro MicroSystems 3421 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3421 AND 3422
HALL-EFFECT,
DIRECTION-DETECTION
SENSORS
www.allegromicro.com
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage Range
VCC
Operating, TJ < 165°C1
4.5
—
18
V
Output Leakage Current
IOFF
VOUT = VCC = 18 V
—
<1.0
10
µA
Output Saturation Voltage
VOUT(SAT)
IOUT = 20 mA
—
0.21
0.50
V
Power-On State
POS
VCC = 0 → 5 V,
OFF
OFF
OFF
—
BRP1 < B < BOP1, BRP2 < B < BOP2
Under-Voltage Lockout
VCC(UV)
IOUT = 20 mA, VCC = 0
→ 5 V
—
3.5
—
V
Under-Voltage Hysteresis
VCC(hys)
Lockout (VCC(UV)) - Shutdown
—
0.5
—
V
Power-On Time
tpo
VCC > 4.5 V
—
—
50
µs
Output Rise Time
tr
CL = 20 pF, RL = 820
Ω
—
200
—
ns
Output Fall Time
tf
CL = 20 pF, RL = 820 Ω
—
200
—
ns
Direction Change Delay
td
CL = 20 pF, RL = 820 Ω
0.5
1.0
5.0
µs
Supply Current
ICC
VCC = 8 V, All outputs OFF
5.0
9.0
18
mA
ELECTRICAL CHARACTERISTICS over operating temperature range.
50
75
100
125
175
0.5
0.1
0
TEMPERATURE IN
°C
0.4
0.3
0.2
25
Dwg. GH-069
R
θJA = 164
°C/W
0.6
150
NOTES: 1. Maximum supply voltage must be adjusted for power dissipation and ambient temperature.
2. Typical Data is at VCC = 12 V and TA = +25
°C and is for design information only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com