Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3421 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3421
Description  HALL-EFFECT, DIRECTION-DETECTION SENSORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3421 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3421 Datasheet HTML 1Page - Allegro MicroSystems 3421 Datasheet HTML 2Page - Allegro MicroSystems 3421 Datasheet HTML 3Page - Allegro MicroSystems 3421 Datasheet HTML 4Page - Allegro MicroSystems 3421 Datasheet HTML 5Page - Allegro MicroSystems 3421 Datasheet HTML 6Page - Allegro MicroSystems 3421 Datasheet HTML 7Page - Allegro MicroSystems 3421 Datasheet HTML 8Page - Allegro MicroSystems 3421 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The A3421xKA and A3422xKA Hall-effect, direction-detection
sensors are a new generation of special-function integrated sensors that
are capable of sensing the direction of rotation of a ring magnet. These
transducers provide separate digital outputs that provide information on
magnet rotation speed, direction, and magnet pole count. These devices
eliminate the major manufacturing hurdles encountered in fine-pitch
direction-detection applications, namely maintaining accurate mechani-
cal location between the two active Hall elements. Here, the two Hall
elements are photolithographically aligned to better than 1
µm, as
contrasted with 100
µm or worse mechanical location tolerance when
manufactured discretely. These highly sensitive, temperature-stable,
magnetic transducers are ideal for use in digital-encoder systems in the
harsh environments of automotive or industrial applications. The
A3421xKA is a high-hysteresis device designed for low-resolution
pulse counting while the A3422xKA is a high-sensitivity device
optimized for use with high-density magnets.
The A3421xKA and A3422xKA monolithic integrated circuits
contain two independent Hall-effect latches whose digital outputs are
internally coupled to CMOS logic circuitry that decodes signal speed
and direction. Extremely low-drift BiCMOS circuitry is used for the
amplifiers to ensure symmetry between the two latches so that signal
quadrature can be maintained. An on-chip voltage regulator allows the
use of these devices from a 4.5 V to 18 V supply. Both devices have
standard open-collector outputs; the logic operation of both devices is
the same.
Two operating temperature ranges are provided; suffix ‘E–’ is for
the automotive and industrial temperature range of -40
°C to +85°C,
suffix ‘L–’ is for the automotive and military temperature range of
-40
°C to +150°C. The 5-pin ‘KA’ SIP package provides a cost-com-
petitive solution to linear magnetic sensing in harsh environments.
FEATURES
I Internal Direction-Decoding Circuitry
I Two Matched Hall Latches On A Single Substrate
I Superior Temperature Stability
I 4.5 V to 18 V Operation
Electrically Defined Power-On State
Under-Voltage Lockout
HALL-EFFECT,
DIRECTION-DETECTION SENSORS
Always order by complete part number, e.g., A3421EKA .
X
V
CC
1
4
3
2
5
Dwg. PH-015
LOGIC
X
E1
E2
Pinning is shown viewed from branded side.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC . . . . . . . . . . . . . 18 V
Magnetic Flux Density, B . . . .
Unlimited
Output OFF Voltage, VOUT . . . . . . . . VCC
Output Sink Current, IOUT . . . . . . . 30 mA
Package Power Dissipation,
PD . . . . . . . . . . . . . . . . . . . . . . 500 mW
Operating Temperature Range, TA
Suffix ‘EKA’ . . . . . . . -40˚C to +85˚C
Suffix ‘LKA’ . . . . . . -40˚C to +150˚C
Storage Temperature Range,
TS . . . . . . . . . . . . . . . -65˚C to +170˚C
3421 AND
3422
PRELIMINARY INFORMATION
(subject to change without notice)
September 6, 2000


Similar Part No. - 3421

ManufacturerPart #DatasheetDescription
logo
Heyco.
3421 HEYCO-3421 Datasheet
106Kb / 1P
Beaded Ties
logo
3M Electronics
3421-6000 3M-3421-6000 Datasheet
461Kb / 3P
3M Pak 100 Wiremount Socket
28-Jan-2005
3421-6050 3M-3421-6050 Datasheet
470Kb / 3P
3M™ Pak 100 Wiremount Socket
28-Jan-2005
3421-60E 3M-3421-60E Datasheet
470Kb / 3P
3M™ Pak 100 Wiremount Socket
28-Jan-2005
3421-60I 3M-3421-60I Datasheet
470Kb / 3P
3M™ Pak 100 Wiremount Socket
28-Jan-2005
More results

Similar Description - 3421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL710 ETC-HAL710 Datasheet
165Kb / 12P
Hall-Effect Sensor with Direction Detection
logo
Allegro MicroSystems
3422 ALLEGRO-3422 Datasheet
575Kb / 10P
HALL-EFFECT, DIRECTION-DETECTION SENSORS
logo
Micronas
HAL710 MICRONAS-HAL710_1 Datasheet
1,023Kb / 19P
Hall-Effect Sensors with Direction Detection
HAL710 MICRONAS-HAL710_2 Datasheet
168Kb / 2P
Hall-Effect Sensors with Direction Detection
logo
Infineon Technologies A...
TLE4966K INFINEON-TLE4966K Datasheet
871Kb / 16P
High Precision Hall-Effect Switch with Direction Detection
Rev. 1.0, Sep 2007
TLE4966L INFINEON-TLE4966L_09 Datasheet
854Kb / 16P
High Precision Hall-Effect Switch with Direction Detection
V 2.0, Feb 2009
logo
Allegro MicroSystems
A1233 ALLEGRO-A1233 Datasheet
738Kb / 12P
Dual-Channel Hall-Effect Direction Detection Sensor IC
A3422 ALLEGRO-A3422 Datasheet
1Mb / 11P
Hall Effect Direction Detection Sensor IC
A3423 ALLEGRO-A3423 Datasheet
499Kb / 10P
Dual Channel Hall Effect Direction Detection Sensor IC
logo
Infineon Technologies A...
TLI4966G INFINEON-TLI4966G Datasheet
1Mb / 17P
High Precision Hall-Effect Switch with Direction Detection
Rev 1.0, October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com