Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3421 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # 3421
Description  HALL-EFFECT, DIRECTION-DETECTION SENSORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3421 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button 3421 Datasheet HTML 4Page - Allegro MicroSystems 3421 Datasheet HTML 5Page - Allegro MicroSystems 3421 Datasheet HTML 6Page - Allegro MicroSystems 3421 Datasheet HTML 7Page - Allegro MicroSystems 3421 Datasheet HTML 8Page - Allegro MicroSystems 3421 Datasheet HTML 9Page - Allegro MicroSystems 3421 Datasheet HTML 10Page - Allegro MicroSystems 3421 Datasheet HTML 11Page - Allegro MicroSystems 3421 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3421 AND 3422
HALL-EFFECT,
DIRECTION-DETECTION
SENSORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
APPLICATIONS INFORMATION
Operation with Fine-Pitch Ring Magnets. For
targets with a circular pitch of less than 4 mm, a perfor-
mance improvement can be observed by rotating the front
face of the sensor subassembly (see below). This sensor
rotation decreases the effective sensor-to-sensor spacing,
provided that the Hall elements are not rotated beyond the
width of the target.
Applications. It is strongly recommended that an
external 0.01
µF bypass capacitor be connected (in close
proximity to the Hall sensor) between the supply and
ground of the device to reduce both external noise and
noise generated by the internal logic.
The simplest form of magnet that will operate these
devices is a ring magnet. Other methods of operation,
such as linear magnets, are possible. Extensive applica-
tions information on magnets and Hall-effect sensors is
also available in the “Hsall-Effect IC Applications Guide”
which can be found in the latest issue of the Allegro
MicroSystems Electronic Data Book, AMS-702 or Appli-
cation Note 27701, or at
www.allegromicro.com
Dwg. MH-024
α
TARGET FACE WIDTH, F
>1.50 SIN
α (mm)
>0.059 SIN
α (inch)
A
0.059"
1.50 mm
12
4
5
3
Rotated sensor for
fine-pitch ring
magnets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com