Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3421 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # 3421
Description  HALL-EFFECT, DIRECTION-DETECTION SENSORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3421 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button 3421 Datasheet HTML 4Page - Allegro MicroSystems 3421 Datasheet HTML 5Page - Allegro MicroSystems 3421 Datasheet HTML 6Page - Allegro MicroSystems 3421 Datasheet HTML 7Page - Allegro MicroSystems 3421 Datasheet HTML 8Page - Allegro MicroSystems 3421 Datasheet HTML 9Page - Allegro MicroSystems 3421 Datasheet HTML 10Page - Allegro MicroSystems 3421 Datasheet HTML 11Page - Allegro MicroSystems 3421 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
3421 AND 3422
HALL-EFFECT,
DIRECTION-DETECTION
SENSORS
www.allegromicro.com
CRITERIA FOR DEVICE QUALIFICATION
All Allegro sensors are subjected to stringent qualification requirements prior to being released to production. To
become qualified, except for the destructive ESD tests, no failures are permitted.
Test Method and
Samples
Qualification Test
Test Conditions
Test Length
Per Lot
Comments
Temperature Humidity
JESD22-A101,
1000 hrs
77
Device biased for
Bias Life
TA = 85
°C, RH = 85%
minimum power
Bias Life
JESD22-A108,
1000 hrs
77
TA = 150°C, TJ = 165°C
(Surge Operating Life)
JESD22-A108,
1000 hrs
77
TA = 175°C, TJ = 190°C
Autoclave, Unbiased
JESD22-A102,
96 hrs
77
TA = 121
°C, 15 psig
High-Temperature
JESD22-A103,
1000 hrs
77
(Bake) Storage Life
TA = 170°C
Temperature Cycle
JESD22-A104
1000 cycles
77
-55
°C to +150°C
ESD,
CDF-AEC-Q100-002
Pre/Post
3 per
Test to failure
Human Body Model
Reading
test
All leads > 8 kV
SENSOR LOCATIONS
(
±0.005” [0.13 mm] die placement)
A
E1
E2
Dwg. MH-007-1
0.014"
0.37 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.059"
1.50 mm
12
4
5
3
0.096"
2.44 mm
0.072"
1.83 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com