Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9703 Datasheet (PDF) - Richtek Technology Corporation

RT9703 Datasheet PDF - Richtek Technology Corporation
Part # RT9703
Download  RT9703 Download
File Size   369.63 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 80m?? 3A Smart Universal Power Switch with Flag

RT9703 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9703 Datasheet PDF - Richtek Technology Corporation

Part # RT9703
Download  RT9703 Click to download

File Size   369.63 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 80m?? 3A Smart Universal Power Switch with Flag

RT9703 Datasheet (HTML) - Richtek Technology Corporation


RT9703 Product details

General Description
The RT9703 is a low voltage, high performance single N-MOSFET power switch, designed for power rail on/off control with low RDS(ON) ≈ 80mΩ and full protection functions. The RT9703 equipped with a charge pump circuitry to drive the internal MOSFET switch and a flag output is available to indicate fault conditions against large di/dt which may cause the supply to fall out of regulation. In order to fit different application, an IP pin is offered for current limit point setting, a resistor from IP to ground sets the current limit for the switch.

Features
● Adjustable Current Limiting up to 3.5A
● Built-In (Typically 80mΩ) N-MOSFET
● Reverse Current Flow Blocking (no body diode) i.e. Output Can Be Forced Higher than Input (Off-State)
● Low Supply Current :
    ► 30μA Typical at Switch on State
    ► Less than 1μA Typical at Switch Off State
● Guaranteed 3A Continuous Load Current
● Wide Input Voltage Ranges : 2V to 5.5V
● Open-Drain Fault Flag Output
● Hot Plug-In Application (Soft-Start)
● 1.7V Typical Under-Voltage Lockout (UVLO)
● Thermal Shutdown Protection
● Smallest SOP-8 Package Minimizes Board Space
● RoHS Compliant and 100% Lead (Pb)-Free

Applications
● LCD Monitor, LCD-TV
● USB Power Module for ADSL
● Information Appliance and Set-Top Box
● Battery-Powered Equipment
● Hot-Plug Power Supplies
● ACPI Power Distribution
● PCI Bus Power Switching
● Motherboard & Notebook PCs
● PC Card Hot Swap Application




Similar Part No. - RT9703

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9703 RICHTEK-RT9703 Datasheet
246Kb / 14P
80m廓, 3A Smart Universal Power Switch with Flag
RT9703GS RICHTEK-RT9703GS Datasheet
246Kb / 14P
80m廓, 3A Smart Universal Power Switch with Flag
RT9703PS RICHTEK-RT9703PS Datasheet
246Kb / 14P
80m廓, 3A Smart Universal Power Switch with Flag
RT9703 RICHTEK-RT9703_07 Datasheet
246Kb / 14P
80m廓, 3A Smart Universal Power Switch with Flag
RT9703 RICHTEK-RT9703_11 Datasheet
262Kb / 14P
80m廓, 3A Smart Universal Power Switch with Flag
More results


Similar Description - RT9703

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9702 RICHTEK-RT9702 Datasheet
251Kb / 16P
80m廓, 500mA/1.1A High-Side Power Switches with Flag
RT9703 RICHTEK-RT9703_07 Datasheet
246Kb / 14P
80m廓, 3A Smart Universal Power Switch with Flag
RT9706 RICHTEK-RT9706 Datasheet
295Kb / 14P
80m廓, 500mA High-Side Power Switch with Flag
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
80m廓, 1.5A High-Side Power Switches with Flag
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
80m廓, 500mA High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
80m廓, 500mA/1.1A High Side Power Switches with Flag
RT9703 RICHTEK-RT9703_11 Datasheet
262Kb / 14P
80m廓, 3A Smart Universal Power Switch with Flag
RT9706 RICHTEK-RT9706_11 Datasheet
300Kb / 14P
80m廓, 500mA High-Side Power Switch with Flag
logo
Lowpower Semiconductor ...
LPW5203 POWER-LPW5203 Datasheet
238Kb / 5P
3A Smart Power Switch
LPW5213 POWER-LPW5213 Datasheet
269Kb / 5P
3A Smart Power Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com