Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDESK7 Datasheet (PDF) - Mantra Softech India Pvt Ltd. All Rights Reserved.

MDESK7 Datasheet PDF - Mantra Softech India Pvt Ltd. All Rights Reserved.
Part # MDESK7
Download  MDESK7 Download
File Size   1685.55 Kbytes
Page   2 Pages
Manufacturer  MANTRA [Mantra Softech India Pvt Ltd. All Rights Reserved.]
Direct Link  https://www.mantratec.com
Logo MANTRA - Mantra Softech India Pvt Ltd. All Rights Reserved.
Description An Elegant Hand Held Device

MDESK7 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDESK7 Datasheet PDF - Mantra Softech India Pvt Ltd. All Rights Reserved.

Part # MDESK7
Download  MDESK7 Click to download

File Size   1685.55 Kbytes
Page   2 Pages
Manufacturer  MANTRA [Mantra Softech India Pvt Ltd. All Rights Reserved.]
Direct Link  https://www.mantratec.com
Logo MANTRA - Mantra Softech India Pvt Ltd. All Rights Reserved.
Description An Elegant Hand Held Device

MDESK7 Datasheet (HTML) - Mantra Softech India Pvt Ltd. All Rights Reserved.


MDESK7 Product details

FEATURES
Contemporary aesthetic
that blends perfectly with
modern architecture
Data retention in case
of power failure, no
loss of data.
Online/offline software
makes individual operation
easy to manage.
1:1 or 1:N Fingerprint
Matching functions
Support STQC/Aadhaar
Certied ngerprint
reader
Case for the Mdesk7 protects
your device from drops and
scratches
Inbuilt battery backup to
ensure 99.9% uptime
Wi means cable less
installations
Casing for a versatile
eld Application
Compatible with state of
the art TimeTrak, BioPay
software.




Similar Part No. - MDESK7

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDES08N019RH MGCHIP-MDES08N019RH Datasheet
965Kb / 6P
Single N-channel Trench MOSFET 80V, 180A, 1.9mΩ
Jun. 2021. V1.2
MDES10N025RH MGCHIP-MDES10N025RH Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 180A, 2.5mΩ
Jun. 2021. Version 1.2
MDES14N045RH MGCHIP-MDES14N045RH Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 135V, 180A, 4.5mΩ
Jan. 2021. Version 1.2
MDES15N056PTRH MGCHIP-MDES15N056PTRH Datasheet
996Kb / 7P
Single N-channel Trench MOSFET 150V 5.6mΩ 182A
July 2023. ver. 1.0
More results


Similar Description - MDESK7

ManufacturerPart #DatasheetDescription
logo
SICK AG
IDM120-3PDF01B SICK-IDM120-3PDF01B Datasheet
775Kb / 5P
HAND-HELD SCANNERS
2017-05-03
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
HAND-HELD SCANNERS
2017-05-03
IDM140-2BT SICK-IDM140-2BT Datasheet
747Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-300S SICK-IDM140-300S Datasheet
781Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM162-300S SICK-IDM162-300S Datasheet
787Kb / 5P
HAND-HELD SCANNERS
2017-05-12
logo
Mantra Softech India Pv...
MELO31 MANTRA-MELO31 Datasheet
634Kb / 2P
An Elegant Hand Held Device
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com