Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVC16334A Datasheet (PDF) - Nexperia B.V. All rights reserved

74AVC16334A Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AVC16334A
Download  74AVC16334A Download
File Size   227.31 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state

74AVC16334A Datasheet (PDF)

Go To PDF Page Download Datasheet
74AVC16334A Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AVC16334A
Download  74AVC16334A Click to download

File Size   227.31 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state

74AVC16334A Datasheet (HTML) - Nexperia B.V. All rights reserved


74AVC16334A Product details

1. General description
The 74AVC16334A is a 16-bit universal bus driver. Data flow is controlled by output enable (OE),
latch enable (LE) and clock inputs (CP).
This product is designed to have an extremely fast propagation delay and a minimum amount of
power consumption.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC
through a pullup resistor (Live Insertion).
A Dynamic Controlled Output (DCO) circuitry is implemented to support termination line drive
during transient. See Section 9.1 for typical curves.
2. Features and benefits
• Wide supply voltage range from 1.2 V to 3.6 V
• Complies with JEDEC standards:
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-1A (2.7 V to 3.6 V)
• CMOS low power consumption
• Input/output tolerant up to 3.6 V
• Dynamic Controlled Output (DCO) circuit dynamically changes output impedance, resulting in
noise reduction without speed degradation
• Low inductance multiple VCC and GND pins to minimize noise and ground bounce
• Power off disables 74AVC16334A outputs, permitting Live Insertion
• Integrated input diodes to minimize input overshoot and undershoot




Similar Part No. - 74AVC16334A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC16334A PHILIPS-74AVC16334A Datasheet
108Kb / 10P
16-bit registered driver with inverted register enable and Dynamic Controlled OutputsE (3-State)
2000 Aug 03
More results


Similar Description - 74AVC16334A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16334A PHILIPS-74ALVC16334A Datasheet
121Kb / 12P
16-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC16836A PHILIPS-74ALVC16836A Datasheet
122Kb / 12P
20-bit registered driver with inverted register enable 3-State
2000 Mar 14
74AVC16834 PHILIPS-74AVC16834 Datasheet
90Kb / 10P
18-bit registered driver with inverted register enable 3-State
1999 Jul 23
74AVC16834A PHILIPS-74AVC16834A Datasheet
121Kb / 13P
18-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Sep 11
74AVC16836A PHILIPS-74AVC16836A Datasheet
122Kb / 11P
20-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Aug 02
74AVC16334A PHILIPS-74AVC16334A Datasheet
108Kb / 10P
16-bit registered driver with inverted register enable and Dynamic Controlled OutputsE (3-State)
2000 Aug 03
74AVC16836A_5 PHILIPS-74AVC16836A_5_15 Datasheet
127Kb / 11P
20-bit registered driver with inverted register enable and Dynamic Controlled OutputsE (3-State)
2002 Aug 02
logo
Nexperia B.V. All right...
74AVC16834A NEXPERIA-74AVC16834A Datasheet
234Kb / 14P
18-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 12 September 2018
74AVC16836A NEXPERIA-74AVC16836A Datasheet
235Kb / 14P
20-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 24 September 2018
74ALVC16834A NEXPERIA-74ALVC16834A Datasheet
200Kb / 15P
18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com