Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVC9112 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AVC9112 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AVC9112
Download  74AVC9112 Download
File Size   205.5 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 1-to-4 fan-out buffer

74AVC9112 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AVC9112 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AVC9112
Download  74AVC9112 Click to download

File Size   205.5 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 1-to-4 fan-out buffer

74AVC9112 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AVC9112 Product details

1 General description
The 74AVC9112 is a 1-to-4 fan-out buffer suitable for use in clock distribution. It has
a data input (A), four data outputs (Yn) and an output enable input (OE). VCC can be
supplied at any voltage between 0.8 V and 3.6 V. A HIGH on OE causes all outputs to be
pulled LOW via pull-down resistors, a LOW on OE disconnects the pull-down resistors
and enables all outputs.
Schmitt trigger action at all inputs makes the circuit tolerant for slower input rise and fall
time.
The IOFF circuitry disables the output, preventing any damaging backflow current through
the device when it is powered down.
2 Features and benefits
• Wide supply voltage range:
– VCC: 0.8 V to 3.6 V
• Complies with JEDEC standards:
– JESD8-12 (0.8 V to 1.3 V)
– JESD8-11 (0.9 V to 1.65 V)
– JESD8-7 (1.2 V to 1.95 V)
– JESD8-5 (1.8 V to 2.7 V)
– JESD8-B (2.7 V to 3.6 V)
• ESD protection:
– HBM ANSI/ESDA/JEDEC JS-001 Class 3B exceeds 8 kV
– CDM JESD22-C101 exceeds 1000 V
• Maximum data rates:
– 380 Mbit/s (3.3 V)
– 200 Mbit/s (2.5 V)
– 200 Mbit/s (1.8 V)
– 150 Mbit/s (1.5 V)
– 100 Mbit/s (1.2 V)
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Inputs accept voltages up to 3.6 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AVC9112

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC16244 PHILIPS-74AVC16244 Datasheet
79Kb / 16P
16-bit buffer/line driver; 3-state 3.6 V tolerant
1999 Nov 15
logo
Nexperia B.V. All right...
74AVC16244 NEXPERIA-74AVC16244 Datasheet
217Kb / 15P
16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 3 - 20 February 2018
logo
NXP Semiconductors
74AVC16244DGG PHILIPS-74AVC16244DGG Datasheet
79Kb / 16P
16-bit buffer/line driver; 3-state 3.6 V tolerant
1999 Nov 15
logo
Nexperia B.V. All right...
74AVC16244DGG NEXPERIA-74AVC16244DGG Datasheet
217Kb / 15P
16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 3 - 20 February 2018
logo
Texas Instruments
74AVC16244DGGRE4 TI-74AVC16244DGGRE4 Datasheet
303Kb / 13P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Similar Description - 74AVC9112

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS554-01 ICST-ICS554-01 Datasheet
84Kb / 5P
LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
Revision 031901
ICS554-01A ICST-ICS554-01A Datasheet
128Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
Revision 101904
logo
NXP Semiconductors
PCK9447 PHILIPS-PCK9447 Datasheet
92Kb / 17P
3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
Rev. 01-13 October 2005
PCK9448 PHILIPS-PCK9448 Datasheet
109Kb / 20P
3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer
Rev. 01-29 November 2005
logo
PulseCore Semiconductor
PCS2P5T915A PULSECORE-PCS2P5T915A Datasheet
799Kb / 23P
Low Voltage (2.5V) High Accuracy 1:5 Clock Fan-Out Buffer
logo
Texas Instruments
LMK00804B-Q1 TI1-LMK00804B-Q1 Datasheet
365Kb / 27P
1.5-V to 3.3-V, 1-to-4 high-performance LVCMOS fan-out buffer and level translator
LMK00804B-Q1 TI1-LMK00804B-Q1_V01 Datasheet
1Mb / 31P
1.5-V to 3.3-V, 1-to-4 High-Performance LVCMOS Fan-Out Buffer and Level Translator
logo
Nexperia B.V. All right...
74AVC1T1022 NEXPERIA-74AVC1T1022 Datasheet
270Kb / 25P
1-to-4 fan-out buffer
logo
Renesas Technology Corp
ICS554-01A RENESAS-ICS554-01A Datasheet
322Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
051310
logo
Nexperia B.V. All right...
74AVC1T1004 NEXPERIA-74AVC1T1004 Datasheet
262Kb / 18P
1-to-4 fan-out buffer
Rev. 2 - 1 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com