Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS554-01A Datasheet (PDF) - Renesas Technology Corp

ICS554-01A Datasheet PDF - Renesas Technology Corp
Part # ICS554-01A
Download  ICS554-01A Download
File Size   322.19 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT

ICS554-01A Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS554-01A Datasheet PDF - Renesas Technology Corp

Part # ICS554-01A
Download  ICS554-01A Click to download

File Size   322.19 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT

ICS554-01A Datasheet (HTML) - Renesas Technology Corp


ICS554-01A Product details

Features
• Input frequency up to 200 MHz
• Advanced CMOS process
• Outputs are skew matched to within 50 ps
• Packaged in 16-pin TSSOP, Pb-free
• One PECL input to 4 PECL output clock drivers
• Operating Voltages of 3.3 V or 5 V
• Industrial temperature range
• Functional equivalent to ICS554-01
• Simplified passive termination network compared to
ICS554-01




Similar Part No. - ICS554-01A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS554-01A ICST-ICS554-01A Datasheet
128Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
Revision 101904
More results


Similar Description - ICS554-01A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS553 ICST-ICS553 Datasheet
89Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 052501
ICS554-01 ICST-ICS554-01 Datasheet
84Kb / 5P
LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
Revision 031901
ICS651 ICST-ICS651 Datasheet
82Kb / 7P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 120805
ICS554-01A ICST-ICS554-01A Datasheet
128Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
Revision 101904
ICS553MI ICST-ICS553MI Datasheet
65Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 080404
logo
Integrated Device Techn...
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C49X0204A PERICOM-PI6C49X0204A Datasheet
981Kb / 10P
Low Skew 1 TO 4 Clock Buffer
logo
Microchip Technology
PL138-48 MICROCHIP-PL138-48 Datasheet
627Kb / 20P
2.5V to 3.3V, Low-Skew, 1:4 Differential PECL Fanout Buffer
06/17/16
logo
Integrated Device Techn...
551S IDT-551S_18 Datasheet
153Kb / 9P
Low Skew 1 to 4 Clock Buffer
logo
Renesas Technology Corp
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com