Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS554-01A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS554-01A
Description  LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS554-01A Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS554-01A Datasheet HTML 1Page - Renesas Technology Corp ICS554-01A Datasheet HTML 2Page - Renesas Technology Corp ICS554-01A Datasheet HTML 3Page - Renesas Technology Corp ICS554-01A Datasheet HTML 4Page - Renesas Technology Corp ICS554-01A Datasheet HTML 5Page - Renesas Technology Corp ICS554-01A Datasheet HTML 6Page - Renesas Technology Corp ICS554-01A Datasheet HTML 7Page - Renesas Technology Corp ICS554-01A Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ICS554-01A
LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
PECL BUFFER
IDT™ / ICS™ LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
3
ICS554-01A
REV D 051310
External Components
The ICS554-01A requires a decoupling capacitor of 0.01
µF to be connected between VDD on pin 2 and GND on
pin 7, as well as between VDD on pin 15 and GND on pin 10. These decoupling capacitors should be placed as
close to the device as possible.
To achieve the low output skews that the ICS554-01A is capable of, careful attention must be paid to board layout.
Essentially, all 8 outputs must have identical terminations, loads, and trace geometries. If they do not, the output
skew will be degraded. For example, using a 30
Ω series termination on one output (with 33Ω on the others) will
cause at least 15ps of skew.
Termination for PECL or LVPECL Outputs
The clock layout topology shown below is a typical termination for PECL or LVPECL outputs. The two different
layouts mentioned are recommended only as guidelines.
FOUT and nFOUT are low impedance follower outputs that generate PECL/LVPECL compatible outputs.
Therefore, termination resistors (DC current path to ground) or current sources must be used for functionality.
These outputs are designed to drive 50 ohm transmission lines. Matched impedance techniques should be used to
maximize operating frequency and minimize signal distortion. There are a few simple termination schemes. The
figures below show two different layouts which are recommended only as guidelines. Other suitable clock layouts
may exist, but it is recommended that board designers simulate to guarantee compatibility across all printed circuit
and clock component process variations.
PECL or LVPECL Output Termination
LVPECL Output Termination
Z
0 = 50 ohms
F
OUT
F
IN
Z
0 = 50 ohms
50 ohms
50 ohms
C1
RTT
RTT =
Z
0
(V
OH + VOL / VCC -2) -2
1
C1 = 0.1µF to 0.01µF
Z
0 = 50 ohms
F
OUT
F
IN
Z
0 = 50 ohms
Z
0
3.3 V
5
2
3 2
5
2
Z
0
Z
0
3 2 Z
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com