Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS554-01A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS554-01A
Description  LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS554-01A Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS554-01A Datasheet HTML 1Page - Renesas Technology Corp ICS554-01A Datasheet HTML 2Page - Renesas Technology Corp ICS554-01A Datasheet HTML 3Page - Renesas Technology Corp ICS554-01A Datasheet HTML 4Page - Renesas Technology Corp ICS554-01A Datasheet HTML 5Page - Renesas Technology Corp ICS554-01A Datasheet HTML 6Page - Renesas Technology Corp ICS554-01A Datasheet HTML 7Page - Renesas Technology Corp ICS554-01A Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATASHEET
LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
ICS554-01A
IDT™ / ICS™ LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
1
ICS554-01A
REV D 051310
Description
The ICS554-01A is a low skew clock buffer with a single
complimentary PECL input to four PECL outputs. Part of
IDT’s Clock BlocksTM family, this is our lowest skew PECL
clock buffer. The ICS554-01A is footprint compatible with
the ICS554-01, but requires fewer passive components for
termination thus providing a cost-saving alternative. For
parts which do not require PECL inputs or outputs, see the
ICS553 for a 1 to 4 low skew buffer, or the ICS552-02 for a
1 to 8 low skew buffer. For more than 8 outputs see the
MK74CBxxx BuffaloTM series of clock drivers.
IDT makes many non-PLL and PLL based low skew output
devices as well as Zero Delay Buffers to synchronize
clocks. Contact us for all of your clocking needs.
Features
• Input frequency up to 200 MHz
• Advanced CMOS process
• Outputs are skew matched to within 50 ps
• Packaged in 16-pin TSSOP, Pb-free
• One PECL input to 4 PECL output clock drivers
• Operating Voltages of 3.3 V or 5 V
• Industrial temperature range
• Functional equivalent to ICS554-01
• Simplified passive termination network compared to
ICS554-01
Block Diagram
IN
IN
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
VDD
VSS


Similar Part No. - ICS554-01A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS554-01A ICST-ICS554-01A Datasheet
128Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
Revision 101904
More results

Similar Description - ICS554-01A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS553 ICST-ICS553 Datasheet
89Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 052501
ICS554-01 ICST-ICS554-01 Datasheet
84Kb / 5P
LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
Revision 031901
ICS651 ICST-ICS651 Datasheet
82Kb / 7P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 120805
ICS554-01A ICST-ICS554-01A Datasheet
128Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
Revision 101904
ICS553MI ICST-ICS553MI Datasheet
65Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 080404
logo
Integrated Device Techn...
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C49X0204A PERICOM-PI6C49X0204A Datasheet
981Kb / 10P
Low Skew 1 TO 4 Clock Buffer
logo
Microchip Technology
PL138-48 MICROCHIP-PL138-48 Datasheet
627Kb / 20P
2.5V to 3.3V, Low-Skew, 1:4 Differential PECL Fanout Buffer
06/17/16
logo
Integrated Device Techn...
551S IDT-551S_18 Datasheet
153Kb / 9P
Low Skew 1 to 4 Clock Buffer
logo
Renesas Technology Corp
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
051310
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com