Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS554-01A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS554-01A
Description  LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS554-01A Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS554-01A Datasheet HTML 1Page - Renesas Technology Corp ICS554-01A Datasheet HTML 2Page - Renesas Technology Corp ICS554-01A Datasheet HTML 3Page - Renesas Technology Corp ICS554-01A Datasheet HTML 4Page - Renesas Technology Corp ICS554-01A Datasheet HTML 5Page - Renesas Technology Corp ICS554-01A Datasheet HTML 6Page - Renesas Technology Corp ICS554-01A Datasheet HTML 7Page - Renesas Technology Corp ICS554-01A Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ICS554-01A
LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
PECL BUFFER
IDT™ / ICS™ LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
5
ICS554-01A
REV D 051310
DC Electrical Characteristics
VDD=3.3 V ±5% Ambient temperature -40 to +85
° C
Note 1: VOH and VOL can be set by the external resistor values on the PECL outputs.
note 2: IDD includes the current through the external resistors which can be modified.
AC Electrical Characteristics
VDD = 3.3 V ±5
, Ambient Temperature -40 to +85
° C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.15
5.25
V
Peak to Peak Input Voltage
IN
0.3
1.0
V
Input Common Mode Range
IN
VDD=3.3 V
VDD-2
VDD-0.6
Input Common Mode Range
IN
VDD=5 V
VDD-3.7
VDD-0.6
Output High Voltage
VOH
Note 1
VDD-1.2
V
Output Low Voltage
VOL
Note 1
VDD - 2.0
V
Operating Supply Current
IDD
No Load, 135 MHz
80
mA
Short Circuit Current, 3.3 V
IOS
±50
mA
Short Circuit Current, 5 V
IOS
±60
mA
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Propagation Delay
VDD = 3.3 V
2
ns
VDD = 5 V
2
ns
Output to Output Skew
Crosspoint of pair
0
50
ps
Duty Cycle
Crosspoint of pair
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com