Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS554-01A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS554-01A
Description  LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS554-01A Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS554-01A Datasheet HTML 1Page - Renesas Technology Corp ICS554-01A Datasheet HTML 2Page - Renesas Technology Corp ICS554-01A Datasheet HTML 3Page - Renesas Technology Corp ICS554-01A Datasheet HTML 4Page - Renesas Technology Corp ICS554-01A Datasheet HTML 5Page - Renesas Technology Corp ICS554-01A Datasheet HTML 6Page - Renesas Technology Corp ICS554-01A Datasheet HTML 7Page - Renesas Technology Corp ICS554-01A Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ICS554-01A
LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
PECL BUFFER
IDT™ / ICS™ LOW SKEW 1 TO 4 CLOCK BUFFER PECL IN, PECL OUT
4
ICS554-01A
REV D 051310
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS554-01A. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at
these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-40
–
+85
° C
Power Supply Voltage (measured in respect to GND)
+3.15
+5.25
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com