Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVCOM24 Datasheet (PDF) - Protek Devices

PVCOM24 Datasheet PDF - Protek Devices
Part # PVCOM24
Download  PVCOM24 Download
File Size   547.8 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description high powered surge protection tvs array

PVCOM24 Datasheet (PDF)

Go To PDF Page Download Datasheet
PVCOM24 Datasheet PDF - Protek Devices

Part # PVCOM24
Download  PVCOM24 Click to download

File Size   547.8 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description high powered surge protection tvs array

PVCOM24 Datasheet (HTML) - Protek Devices


PVCOM24 Product details

Description
The PVCOM24 is a powerful transient voltage suppressor designed to protect sensitive electronics from damage or
latch-up due to EOS, lightning, CDE and ESD. This device offers board level protection with its fast response time, low
operating voltage and clamping voltage. The PVCOM24 protects against a wide array of applications including industrial
equipment, battery protection and fast charging USB Type-C interfaces. The PVCOM24 meets IEC 61000-4-2 (ESD),
IEC 61000-4-4 (EFT) and IEC 61000-4-5 (Surge) requirements. This device is offered in a DFN-2 package configuration.

Feat ures
• Compatible with IEC 61000-4-2 (ESD): Air ±30kV, Contact ±30kV
• Compatible with IEC 61000-4-4 (EFT): 4kV - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 37A, 8/20μs
• 1600 Watts Peak Pulse Power per Line (tp = 8/20μs)
• Similar size as SOD-532 or 1.6mm x 0.8mm
• Unidirectional Configuration
• Low Leakage Current
• Low Clamping Voltage
• High Peak Pulse Current Capability
• RoHS Compliant
• REACH Compliant

applications
• Industrial Equipment
• Battery Protection
• USB Fast Charging Voltage Bus
• Mobile Devices




Similar Part No. - PVCOM24

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PVC MULTICOMP-PVC Datasheet
198Kb / 2P
PVC Insulating Tubing
V1.0 02/04/20
logo
List of Unclassifed Man...
PVC-1 ETC-PVC-1 Datasheet
992Kb / 8P
Low Voltage and Power Applications
January 2016
logo
Pro-Power
PVC-1-0-CL PROPOWER-PVC-1-0-CL Datasheet
206Kb / 2P
Sleeving
V1.1 28/07/15
logo
Multicomp Pro
PVC-1-0-CL MULTICOMP-PVC-1-0-CL Datasheet
225Kb / 2P
Sleeving
04/12/20 V1.0
logo
Pro-Power
PVC-1-0-CL PROPOWER-PVC-1-0-CL Datasheet
209Kb / 2P
Sleeving
V1.2 17/04/20
More results


Similar Description - PVCOM24

ManufacturerPart #DatasheetDescription
logo
Protek Devices
VSB06P05LCI PROTEC-VSB06P05LCI_11 Datasheet
654Kb / 6P
high powered VSIP짰 tvs array
PAM08SD2305C PROTEC-PAM08SD2305C Datasheet
611Kb / 7P
HIGH POWERED TVS ARRAY
PAM09SD2305HP PROTEC-PAM09SD2305HP Datasheet
604Kb / 7P
HIGH POWERED TVS ARRAY
PSD03 PROTEC-PSD03_11 Datasheet
662Kb / 8P
HIGH POWERED TVS ARRAY
PSD05HP PROTEC-PSD05HP Datasheet
626Kb / 8P
HIGH POWERED TVS ARRAY
PAM26SD2305 PROTEC-PAM26SD2305 Datasheet
633Kb / 7P
HIGH POWERED TVS ARRAY
PSD03 PROTEC-PSD03_12 Datasheet
776Kb / 8P
HIGH POWERED TVS ARRAY
PSD05HP PROTEC-PSD05HP_12 Datasheet
738Kb / 8P
HIGH POWERED TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI_12 Datasheet
655Kb / 6P
HIGH POWERED VSIP짰 TVS ARRAY
DA8 PROTEC-DA8 Datasheet
471Kb / 5P
High powered multi-line tvs array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com