Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVCOM24 Datasheet(PDF) 2 Page - Protek Devices

Part # PVCOM24
Description  high powered surge protection tvs array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PVCOM24 Datasheet(HTML) 2 Page - Protek Devices

  PVCOM24 Datasheet HTML 1Page - Protek Devices PVCOM24 Datasheet HTML 2Page - Protek Devices PVCOM24 Datasheet HTML 3Page - Protek Devices PVCOM24 Datasheet HTML 4Page - Protek Devices PVCOM24 Datasheet HTML 5Page - Protek Devices PVCOM24 Datasheet HTML 6Page - Protek Devices PVCOM24 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
05656.R0 4/23
page 2
PVCOM24
ISO 9001 CERTIFIED COMPANY
typical device characteristics
MAXIMuM RATINGS @ 25°c Unless Otherwise Specified
PARAMETER
SYMBOl
VAluE
uNITS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
1600
Watts
Peak Pulse Current (tp = 8/20µs)
I
PP
37
Amps
Operating Temperature
T
J
-40 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
ESD Voltage Level per IEC 61000-4-2 (Air and Contact)
V
ESD
±30
kV
ElECTRICAl ChARACTERISTICS PER lINE @ 25°c Unless Otherwise Specified
PART
NuMBER
DEVICE
markiNg
RATED
STaND-OFF
VOlTAGE
V
WM
VOlTS
MINIMuM
BreakDOWN
VOlTAGE
@ 1mA
V
(Br)
VOlTS
MAXIMuM
ClAMPING
VOlTAGE
(Fig. 2)
@ 8/20µs
V
C @ iPP
VOlTS
MAXIMuM
Leakage
CuRRENT
@V
WM
I
D
µA
TYPICAl
CAPACITANCE
@0V, 1mHz
C
pF
PVCOM24
V24
24.0
26.0
45V @ 37A
200
197.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com