Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVCOM24 Datasheet(PDF) 6 Page - Protek Devices

Part # PVCOM24
Description  high powered surge protection tvs array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PVCOM24 Datasheet(HTML) 6 Page - Protek Devices

  PVCOM24 Datasheet HTML 1Page - Protek Devices PVCOM24 Datasheet HTML 2Page - Protek Devices PVCOM24 Datasheet HTML 3Page - Protek Devices PVCOM24 Datasheet HTML 4Page - Protek Devices PVCOM24 Datasheet HTML 5Page - Protek Devices PVCOM24 Datasheet HTML 6Page - Protek Devices PVCOM24 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Only One Name Means ProTek’Tion™
05656.R0 4/23
Page 6
PVCOM24
ISO 9001 CERTIFIED COMPANY
TAPE AND REEL
ORDERING INFORMATION
BASE PART NuMBER
lEADFREE SuFFIX
TAPE SuFFIX
QTy/reeL
REEl SIZE
TuBE qTY
PVCOM24
n/a
-T710
10,000
7”
n/a
This device is only available in a Lead-Free configuration.
SPECIFICATIONS
reeL Dia.
TAPE
WIDTh
A0
B0
k0
D
E
F
W
P0
p2
P
tmax
178mm (7”)
8mm
0.93 ± 0.05 1.78 ± 0.10 0.63 ± 0.05 1.55 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.30 4.00 ± 0.10 2.00 ± 0.05 2.00 ± 0.05
0.25
NOTES
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Marking on Part - marking code (see page 2) and polarity band (unidirectional devices).
10 Pitches Cumulative
Tolerance on tape ± 0.2
W
F
B0
E
P2
P0
D
P
A0
K0
T
User Direction of Feed
Top Cover
Tape
Polarity Band



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com