Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE43650 Datasheet (PDF) - Peregrine Semiconductor

PE43650 Datasheet PDF - Peregrine Semiconductor
Part # PE43650
Download  PE43650 Download
File Size   590.04 Kbytes
Page   17 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description 50Ω RF Digital Step Attenuator 5-bit, 15.5 dB, 9 kHz–6 GHz

PE43650 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE43650 Datasheet PDF - Peregrine Semiconductor

Part # PE43650
Download  PE43650 Click to download

File Size   590.04 Kbytes
Page   17 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description 50Ω RF Digital Step Attenuator 5-bit, 15.5 dB, 9 kHz–6 GHz

PE43650 Datasheet (HTML) - Peregrine Semiconductor


PE43650 Product details

Features
• Attenuation: 0.5 dB steps to 15.5 dB
• High linearity: Typical +58 dBm IP3
• Excellent low-frequency performance
• Programming modes:
▪ Direct parallel
▪ Latched parallel
▪ Serial
• CMOS-compatible
• No DC blocking capacitors required
• Packaged in a 24-lead 4 x 4 x 0.85 mm QFN

Applications
• 3G / 4G wireless infrastructure
▪ RF/IF gain control
▪ Base stations (BTS) and remote radio heads
(RRH)
▪ Optical and RF repeaters
▪ Distributed antenna system (DAS)
• Land mobile radio system
• Point-to-point communication system




Similar Part No. - PE43650

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4365 PASTERNACK-PE4365 Datasheet
223Kb / 2P
SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196
More results


Similar Description - PE43650

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-280 MACOM-AT-280 Datasheet
96Kb / 2P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
MAATSS0021 MACOM-MAATSS0021 Datasheet
176Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Peregrine Semiconductor
PE43711 PSEMI-PE43711 Datasheet
636Kb / 31P
UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43712 PSEMI-PE43712 Datasheet
653Kb / 31P
UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
PE43713 PSEMI-PE43713 Datasheet
659Kb / 31P
UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
logo
M/A-COM Technology Solu...
MAATSS0017 MA-COM-MAATSS0017_15 Datasheet
674Kb / 6P
Digital Attenuator, 5-Bit, 15.5 dB
MAATSS0021 MA-COM-MAATSS0021_15 Datasheet
551Kb / 4P
Digital Attenuator, 15.5 dB, 5-Bit
MAATSS0022 MA-COM-MAATSS0022_15 Datasheet
621Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com